Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91F813AN Datasheet(PDF) 1 Page - Winbond

Part # W91F813AN
Description  23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91F813AN Datasheet(HTML) 1 Page - Winbond

  W91F813AN Datasheet HTML 1Page - Winbond W91F813AN Datasheet HTML 2Page - Winbond W91F813AN Datasheet HTML 3Page - Winbond W91F813AN Datasheet HTML 4Page - Winbond W91F813AN Datasheet HTML 5Page - Winbond W91F813AN Datasheet HTML 6Page - Winbond W91F813AN Datasheet HTML 7Page - Winbond W91F813AN Datasheet HTML 8Page - Winbond W91F813AN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
W91F810N SERIES
23-FLASH MEMORY TONE/PULSE DIALER WITH
HANDFREE, LOCK AND HOLD FUNCTIONS
Publication Release Date: March 2000
- 1 -
Revision A2
GENERAL DESCRIPTION
The W91F810N is a series of tone/pulse switchable telephone dialers with 23-falsh memory, keytone,
hold, lock, mute, volume control and handfree dialing control features. These chips are fabricated
using Winbond's high-performance CMOS technology and thus offer good performance in low-
voltage, low-power operations.
FEATURES
Tone/pulse switchable dialer
Two by 32 digits redial and save memory
Three by 32 digits one-touch direct repertory flash-memory
Twenty by 32 digits one-touch direct or two-touch indirect repertory flash-memory
The read-write times: 10
4
Pulse-to-tone (*/T) keypad for long distance call operation
Chain dialing
Uses 6
× 6 or 7 × 7 keyboard
Easy operation with redial, flash, pause, and */T keypads
Pause, P
→T (pulse-to-tone) can be stored as a digit in memory
Dialing rate: 10 or 20 ppS by mask option
Minimum tone output duration: 93 mS
Minimum intertone pause: 93 mS
Pause time: 3.6 sec.
Flash break time (73 mS, 100 mS, 300 mS, or 600 mS) selectable by keypad; pause time is 1.0 S
Make/break ratio (2:3 or 1:2) selectable by MODE pin
Mute key for speech network mute
No key will be accepted except the "HOLD" key when in the Hold mode
4-level volume control by V1 and V2 pin - default value is zero
Key tone output for valid keypad entry recognition
On-chip power-on reset
Uses 3.579545 MHz crystal or ceramic resonator
22-pin 400 mil, 24-pin 600 mil or 28-pin 600 mil dual-in-line plastic package
The different dialers in the W91F810N series are shown in the following table:
TYPE NO.
PULSE
(ppS)
FLASH-MEMORY
LOCK
KEY
TONE
HANDFREE
DIALING
VOLUME
CONTROL
PACKAGE
(PINS)
W91F810N
10
13 one touch, 10 two touch
-
-
-
22
W91F810AN
10
13 one touch, 10 two touch
-
-
24
W91F810LN
10
13 one touch, 10 two touch
-
-
-
22
W91F810ALN
10
13 one touch, 10 two touch
-
-
24
W91F811AN
10
23 one touch
-
28
W91F811ALN
10
23 one touch
-
28
W91F812N
20
13 one touch, 10 two touch
-
-
-
22
W91F812AN
20
13 one touch, 10 two touch
-
-
24
W91F813AN
20
23 one touch
-
28


Similar Part No. - W91F813AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91F820ALN WINBOND-W91F820ALN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820AN WINBOND-W91F820AN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820LN WINBOND-W91F820LN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F822AN WINBOND-W91F822AN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results

Similar Description - W91F813AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com