Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT6254C-EB Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TAT6254C-EB
Description  Fiber To The Home RF Amplifier 47??000 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT6254C-EB Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TAT6254C-EB Datasheet HTML 1Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 2Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 3Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 4Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 5Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 6Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 7Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 8Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TAT6254C
Fiber To The Home RF Amplifier 47–1000 MHz
12 V Standard Output Application Board Typical Performance (cont'd)
VDD = +12 V, IDD = 120 mA , 25
oC unless otherwise stated,Temperatures are ambient
0
1
2
3
4
5
6
0
200
400
600
800
1000
1200
Frequency (MHz)
Equivalent Input Noise at Max Gain
-20 C
25 C
85 C
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
Frequency (MHz)
CTB
18 dBmV/Ch, 80 ch
20 dBmV/Ch, 80 ch
22 dBmV/Ch, 80 ch
18 dBmV/Ch, 40 ch
+2 dBm at 55.25MHz, 4.3% (40ch) and 3.3% (80ch) equiv inputs
20 dBmV/Ch, 40 ch
22 dBmV/Ch, 40 ch
For performance data using 5 V Output, please email sjcapplication.engineering@tqs.com.
Detailed Device Description And Application Overview
The TAT6254C integrates two low noise high gain trans-impedance
amplifiers in a differential configuration followed by an output
amplifier. It provides a low input impedance to minimize the effects
of photodiode capacitances and stray impedance affects on gain
flatness.
The TAT6254C is fabricated using high gain Gallium Arsenide
pHEMT technology developed for high-volume commercial markets.
It provides improved gain and noise compared to older MESFET
technologies and lower gain pHEMT technologies.
The TAT6254C was designed as a general purpose FTTP receiver.
While it eliminates the need for costly hand-wound parts such as
baluns and directional couplers, it allows users wide flexibility in
setting gain, tilt, and bias levels to best meet the requirements posed
by different operators and architectures. The TAT6254C provides the
flexibility to address high levels of gain required by GPON
architectures. Designers can easily modify external circuit values to
enable wider optical input ranges, such as needed in newer GPON
architectures.
The TAT6254C provides two high level outputs. One output drives an
optical tilt network while the other drives a content filter and an RF
detection circuit. The TAT6254C does not require an output balun.
Because the two equal outputs have a high level of isolation; the
TAT6254C effectively provides an integrated directional coupler with
extra gain to drive the RF detection circuit at a high level. This eases
offset voltage requirements on operational amplifiers used in the AGC
block.
Biasing
Bulk
Optic
CWDM
Reference
Content
Filter
Temp Comp
RF Detector
Tilt
AGC
RF Output
Gain
Gain Adjust
TIA
TIA
Biasing
Bulk
Optic
CWDM
Reference
Content
Filter
Temp Comp
RF Detector
Tilt
AGC
RF Output
Gain
Gain Adjust
TIA
TIA
RF AGC Solution 
Biasing
Bulk
Optic
CWDM
Reference
Temp Comp
RF Detector
AGC
Gain
Gain Adjust
Match
TIA
TIA
RF Output
Tilt
(Optional)
4:1
Xfmr
RF AGC High Output Option
 
Data Sheet: Rev A 09/14/2011
- 4 of 9 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®


Similar Part No. - TAT6254C-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT6254C-EB TRIQUINT-TAT6254C-EB Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47 1000 MHz
logo
Qorvo, Inc
TAT6254C-EB QORVO-TAT6254C-EB Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47??000 MHz
More results

Similar Description - TAT6254C-EB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TAT6254C QORVO-TAT6254C Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47??000 MHz
logo
TriQuint Semiconductor
TAT6254C TRIQUINT-TAT6254C_15 Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47 1000 MHz
TAT6254B TRIQUINT-TAT6254B_15 Datasheet
499Kb / 7P
   Fiber To The Home RF Amplifier 47 1000 MHz
logo
ANADIGICS, Inc
ACA2601 ANADIGICS-ACA2601 Datasheet
430Kb / 20P
   Fiber-to-the-Home RF Amplifier
ACA2604 ANADIGICS-ACA2604 Datasheet
661Kb / 18P
   Fiber-to-the-Home RF Amplifier
logo
TriQuint Semiconductor
QPC3624 TRIQUINT-QPC3624 Datasheet
1Mb / 19P
   47??000 MHz Digital Step Attenuator
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452 Datasheet
458Kb / 11P
   SP5T RF Switch 450??000 MHz
PE42426 PSEMI-PE42426 Datasheet
1Mb / 17P
   SPDT RF Switch, 5??000 MHz
logo
BeRex Corporation
BT301 BEREX-BT301_1 Datasheet
3Mb / 17P
   500??000 MHz High Power Amplifier
logo
Peregrine Semiconductor
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com