Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT6254C-EB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TAT6254C-EB
Description  Fiber To The Home RF Amplifier 47??000 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT6254C-EB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TAT6254C-EB Datasheet HTML 1Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 2Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 3Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 4Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 5Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 6Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 7Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 8Page - TriQuint Semiconductor TAT6254C-EB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TAT6254C
Fiber To The Home RF Amplifier 47–1000 MHz
Data Sheet: Rev A 09/14/2011
- 2 of 9 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-60 to +150
oC
Operating Temperature
-40 to +85
oC
Device Voltage,VDD
+15 V
Thermal Resistance (jnc. to case)
jc
17
oC/W
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
VDD
12
V
TJ (for >10
6 hours MTTF)
150
oC
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
(Per Applications Circuit Herein)
Parameter
Conditions
Min
Typical
Max
Units
Operational Frequency Range
47
1000
MHz
RF Gain at 553.25 MHz
See Note 1.
33
dB
Gain Flatness
1.0
dB
Tilt
See Note 2.
3
dB
Equivalent Input Noise
3.9
pA/rtHz
RF Output Level @ 55.25 MHz, Standard
Output
See Note 3.
18
19
dBmV/ch
RF Output Level @55.25 MHz, High
Output
See Notes 3 & 5.
22
23
dBmV/ch
Output Return Loss
16
dB
CSO
See Note 4.
-63
dBc
CTB
See Note 4.
-63
dBc
Gain Control Range
See Note 6.
33
dB
Power Supply Current @ 12 V
120
mA
Power Supply Current @ 5 V
200
mA
1) Gain = 20*log (Z/75)
2) From 54 MHz to 870 MHz; higher tilt possible
3) AGC using 3.3 %/ch output level fixed by external AGC
4) 80 channels analog NTSC
5) Uses output transformer
6) With suggested application circuit
Optical Input and Triplexer Requirements
Parameter
Conditions
Min
Typical
Max
Units
Optical Input Power
-10
2
dBm
Optical Modulation Index
3.3
%/ch
Triplexer 1550 nm PIN Responsivity
0.9
mA/mW
Triplexer 1550 nm PIN Capacitance
0.9
pF


Similar Part No. - TAT6254C-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT6254C-EB TRIQUINT-TAT6254C-EB Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47 1000 MHz
logo
Qorvo, Inc
TAT6254C-EB QORVO-TAT6254C-EB Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47??000 MHz
More results

Similar Description - TAT6254C-EB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TAT6254C QORVO-TAT6254C Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47??000 MHz
logo
TriQuint Semiconductor
TAT6254C TRIQUINT-TAT6254C_15 Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47 1000 MHz
TAT6254B TRIQUINT-TAT6254B_15 Datasheet
499Kb / 7P
   Fiber To The Home RF Amplifier 47 1000 MHz
logo
ANADIGICS, Inc
ACA2601 ANADIGICS-ACA2601 Datasheet
430Kb / 20P
   Fiber-to-the-Home RF Amplifier
ACA2604 ANADIGICS-ACA2604 Datasheet
661Kb / 18P
   Fiber-to-the-Home RF Amplifier
logo
TriQuint Semiconductor
QPC3624 TRIQUINT-QPC3624 Datasheet
1Mb / 19P
   47??000 MHz Digital Step Attenuator
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452 Datasheet
458Kb / 11P
   SP5T RF Switch 450??000 MHz
PE42426 PSEMI-PE42426 Datasheet
1Mb / 17P
   SPDT RF Switch, 5??000 MHz
logo
BeRex Corporation
BT301 BEREX-BT301_1 Datasheet
3Mb / 17P
   500??000 MHz High Power Amplifier
logo
Peregrine Semiconductor
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com