Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT7427B-T1-EB Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TAT7427B-T1-EB
Description  High Gain RF Amplifier, 75 廓, 50-1200 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7427B-T1-EB Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TAT7427B-T1-EB Datasheet HTML 1Page - TriQuint Semiconductor TAT7427B-T1-EB Datasheet HTML 2Page - TriQuint Semiconductor TAT7427B-T1-EB Datasheet HTML 3Page - TriQuint Semiconductor TAT7427B-T1-EB Datasheet HTML 4Page - TriQuint Semiconductor TAT7427B-T1-EB Datasheet HTML 5Page - TriQuint Semiconductor TAT7427B-T1-EB Datasheet HTML 6Page - TriQuint Semiconductor TAT7427B-T1-EB Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAT7427B
High Gain RF Amplifier, 75
Ω, 50-1200 MHz
Data Sheet: Rev A 05-15-11
- 5 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications Information
PC Board Schematic
Bill of Material
Reference Desg.
Value
Description
Manufacturer Part Number
U1
RF Amplifier, 75 ohm , 50-1000MHz TriQuint
TAT7427B
C1, C4, C5
0.01 uF
Cap, Chip, 0603, 10%, 50V, X7R
various
C2
680 pF
Cap, Chip, 0402, 50V, 5%, COG
various
C3
120 pF
Cap, Chip, 0402, 50V, 5%, COG
various
L1
880 nH
Coil, Wire Wound, 1206, ±10%
various
L2
3.9 nH
Inductor, Chip, 0603, 5%
various
L3
5.6 nH
Inductor, Chip, 0603, 5%
various
L4
500 nH
Coil, Wire Wound, 1206, ±10%
various
R1, R2
16
Ω
Resistor, Chip, 1206, ±5%, 1/4W
various


Similar Part No. - TAT7427B-T1-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7427B-T1-EB TRIQUINT-TAT7427B-T1-EB Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75, 50-1200 MHz
logo
Qorvo, Inc
TAT7427B-T1-EB QORVO-TAT7427B-T1-EB Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 , 50-1200 MHz
More results

Similar Description - TAT7427B-T1-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7427B TRIQUINT-TAT7427B_15 Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75, 50-1200 MHz
logo
Qorvo, Inc
TAT7427B QORVO-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 , 50-1200 MHz
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
   CATV 75 廓 pHEMT High Gain RF Amplifier
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
   50 廓 & 75 廓 RF Bridges
logo
TriQuint Semiconductor
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
   75 Ohm RF Amplifier 50 1000 MHz
TAT7460 TRIQUINT-TAT7460_15 Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A_15 Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
logo
Advanced Semiconductor ...
ASA306B ASB-ASA306B Datasheet
1Mb / 9P
   50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
January 2015
ASA303A ASB-ASA303A Datasheet
825Kb / 9P
   50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
June 2014
logo
Mini-Circuits
DSN-2000A-219++ MINI-DSN-2000A-219+ Datasheet
806Kb / 11P
   50廓 1200 to 2200 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com