Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT7430B-EB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TAT7430B-EB
Description  CATV 75 廓 pHEMT High Gain RF Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7430B-EB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TAT7430B-EB Datasheet HTML 1Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 2Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 3Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 4Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 5Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 6Page - TriQuint Semiconductor TAT7430B-EB Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAT7430B
CATV 75 Ω pHEMT High Gain RF Amplifier
Data Sheet: Rev B 03/08/11
- 2 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
1
Parameter
Rating
Storage Temperature
-65 to +150 oC
Device Voltage
+10 V
1. Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Vcc
5
8
V
Icc
190
mA
TJ (for >106 hours MTTF)
150
oC
Electrical Specifications
Test conditions unless otherwise noted: 25ºC case temp, +8V Vsupply, DC to 1200 MHz
Parameter
Conditions
Min
Typical
Max
Units
Operational Frequency Range
50
1002
MHz
Gain
22
dB
Gain Flatness
+/- 0.5
dB
Noise Figure at 1 GHz
2.0
dB
Input Return Loss
-22
dB
Output Return Loss
-18
dB
P1dB
+22
dBm
Output IP3
See Note 1.
+41
dBm
Output IP2
See Note 1.
+65
dBm
CSO
See Note 2.
-61
dBc
CTB
See Note 2.
-81
dBc
Idd
190
mA
Thermal Resistance (jnc. to case)
jc
32
oC/W
Notes:
1. At -21 dBm/tone at input.
2. 10 dBmV/ch at input, 80 ch flat NTSC
3. Electrical specifications are measured at specified test conditions.
4. Specifications are not guaranteed over all recommended operating conditions.


Similar Part No. - TAT7430B-EB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7430B-EB TRIQUINT-TAT7430B-EB Datasheet
388Kb / 7P
   CATV 75 HEMT High Gain RF Amplifier
logo
Qorvo, Inc
TAT7430B-EB QORVO-TAT7430B-EB Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
More results

Similar Description - TAT7430B-EB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
   CATV 75 HEMT High Gain RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
TAT7427B TRIQUINT-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 廓, 50-1200 MHz
logo
RF Micro Devices
RFCA3828 RFMD-RFCA3828 Datasheet
1Mb / 12P
   75廓 High Linearity pHEMT MMIC Amplifier
logo
Qorvo, Inc
QPL1812 QORVO-QPL1812 Datasheet
1Mb / 11P
   75廓 CATV,19dB Gain, Single Ended Amplifier, 50 ??1800MHz
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com