Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2527-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2527-SM
Description  Ku-Band Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2527-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2527-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 12Page - TriQuint Semiconductor TGA2527-SM Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TGA2527-SM
Ku-Band Power Amplifier
Preliminary Data Sheet: Rev - 11/21/11
- 9 of 13 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Applications Information
PC Board Layout
Top RF layer is 0.008” thick Rogers RO4003, єr = 3.38. Metal layers are 1-oz copper.
Microstrip 50 Ω line detail: width = 0.0175”.
The pad pattern shown has been developed and tested for optimized assembly at TriQuint
Semiconductor.
The PCB land pattern has been developed to accommodate lead and
package tolerances. Since surface mount processes vary from company to company, careful
process development is recommended.
For further technical information, refer to the TGA2527-SM Product Information page.
C1
C3
C4
R1 R2
C2
Bill of Material
Ref Des
Value
Description
Manufacturer
Part Number
C1, C2
100 pF
Cap, 0402, 50 V, 5%, COG
various
C3, C4
1 uF
Cap, 0603, 25 V, 10%, X5R
various
R1, R2
100K Ohms
Res, 0603, 1/16W, 5%, SMD
various


Similar Part No. - TGA2527-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2527-SM TRIQUINT-TGA2527-SM Datasheet
763Kb / 13P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM_15 Datasheet
763Kb / 13P
   Ku-Band Power Amplifier
More results

Similar Description - TGA2527-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2533-SM TRIQUINT-TGA2533-SM_15 Datasheet
878Kb / 13P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM_15 Datasheet
763Kb / 13P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533_15 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2524-SM TRIQUINT-TGA2524-SM_15 Datasheet
878Kb / 14P
   Ku-Band Power Amplifier
TGA1045 TRIQUINT-TGA1045 Datasheet
234Kb / 2P
   Ku Band Power Amplifier
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5059VF EUDYNA-FMM5059VF Datasheet
202Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com