Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5263 Datasheet(PDF) 11 Page - Analog Devices

Part # AN5263
Description  78M6631 Evaluation Board User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AN5263 Datasheet(HTML) 11 Page - Analog Devices

Back Button AN5263 Datasheet HTML 7Page - Analog Devices AN5263 Datasheet HTML 8Page - Analog Devices AN5263 Datasheet HTML 9Page - Analog Devices AN5263 Datasheet HTML 10Page - Analog Devices AN5263 Datasheet HTML 11Page - Analog Devices AN5263 Datasheet HTML 12Page - Analog Devices AN5263 Datasheet HTML 13Page - Analog Devices AN5263 Datasheet HTML 14Page - Analog Devices AN5263 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
UM_6631_077
78M6631 Evaluation Board User Manual
Rev 1
11
2.5 Burden Resistor Selection
The 78M6613 Evaluation Board does not include surface-mount current transformers (CTs). The CTs
included with the kit are externally attached to the evaluation board which has the correct value of burden
resistor on board..If using different CTs with the evaluation board, it is important to either disable the on-
board burden resistor or change the burden resistor value for optimum signal magnitude in order to utilize
the full range of the ADC inputs (±250mVP-P).
The 78M6631 Evaluation Board provides a 4.99Ω burden resistor that can be inserted or excluded using
jumpers J2, J3, J6, J8, J11, and J12. Use the equation below to determine if the onboard burden resistor
can be used with the selected CT or if another value should be used.
At maximum load current (IMAX), the voltage built up across the burden resistor should not exceed 176
mVrms (±250mVP-P). It is useful to provide a voltage margin to accommodate transients above IMAX. For
various systems considerations, it may be necessary to select a burden resistor value lower than the
manufacturer’s recommended value. For most CTs, this will not pose a problem.
Example:
A CT with a turn ratio of 2000:1 yields a secondary current of 1/2000 of the primary current. Following
Ohm’s law, the resulting voltage V across the burden resistor R is:
����������������=������������������������∗����������������������������
where N is the turns ratio, ILoad is the primary load current and RBurden is the value of the burden
resistor.
The proper IMAX value should then be set in the relevant register and the CT must be calibrated for
optimal performance. The calibration includes gain adjustment and CT phase error adjustment. Refer to
the appropriate Firmware Description Document for register addresses, calibration commands, and other
information.


Similar Part No. - AN5263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN5262 ETC2-AN5262 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5262N PANASONIC-AN5262N Datasheet
34Kb / 3P
   Preamplifier-Incorporated Volume IC for TV 1-channel
AN5265 PANASONIC-AN5265 Datasheet
28Kb / 2P
   TV Sound Output Circuit
logo
List of Unclassifed Man...
AN5265 ETC2-AN5265 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN5263

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
SiTime Corp.
SIT6722EB SITIME-SIT6722EB Datasheet
534Kb / 8P
   SiT6722EB Evaluation Board User Manual
Rev 2.02
logo
Teridian Semiconductor ...
78M6612-EVM-1 TERIDIAN-78M6612-EVM-1 Datasheet
2Mb / 36P
   78M6612 AC-PMON Evaluation Board User Manual
February 1, 2010 Rev. 1.1
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
   Evaluation Kit User Manual
EV6020 CMLMICRO-EV6020 Datasheet
931Kb / 13P
   Evaluation Kit User Manual
EV6040 CMLMICRO-EV6040 Datasheet
902Kb / 13P
   Evaluation Kit User Manual
logo
Exar Corporation
XR2206D-F EXAR-XR2206D-F Datasheet
148Kb / 12P
   Evaluation System User Manual
logo
Teridian Semiconductor ...
73M1966B TERIDIAN-73M1966B_V01 Datasheet
345Kb / 18P
   Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
logo
Analog Devices
UG-630 AD-UG-630 Datasheet
328Kb / 8P
   Evaluation Board User
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com