Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43DR32801B Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS43DR32801B
Description  256Mb DDR2 DRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR32801B Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS43DR32801B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR32801B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR32801B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR32801B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR32801B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR32801B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43DR32801B Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43DR32801B Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43DR32801B Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev.  00B
06/07/2012
IS43/46DR32801B
Input DC logic level
Symbol 
Parameter
Min.
Max.
Units
Notes
VIH(dc)
dcinputlogicHIGH
VREF+0.125
VDDQ+0.3
V
VIL(dc)
dcinputlogicLOW
-0.3
VREF-0.125
V
Input AC logic level
Symbol Parameter
DDR2-400, DDR2-533
DDR2-667, DDR2-800
Units Notes
Min.
Max.
Min.
Max
VIH(ac) acinputlogicHIGH
VREF+0.250
VDDQ+Vpeak
VREF+0.200
VDDQ+Vpeak
V
1
VIL(ac) acinputlogicLOW
VSSQ-Vpeak
VREF-0.250
VSSQ-Vpeak
VREF-0.200
V
1
AC Input Test Conditions
Symbol
Condition
Value
Units
Notes
VREF
Inputreferencevoltage
0.5xVDDQ
V
1
VSWING(MAX) Inputsignalmaximumpeaktopeakswing
1.0
V
1
SLEW
Inputsignalminimumslewrate
1.0
V/ns
2,3
Notes:
1.RefertoOvershoot/undershootspecificationsforVpeakvalue:maximumpeakamplitudeallowedforovershootandundershoot.
Notes:
1.InputwaveformtimingisreferencedtotheinputsignalcrossingthroughtheVIH/IL(AC)levelappliedtothedeviceundertest.
2.TheinputsignalminimumslewrateistobemaintainedovertherangefromVREFtoVIH(ac)minforrisingedgesandtherangefromVREFto
VIL(ac)maxforfallingedgesasshowninthebelowfigure.
3.ACtimingsarereferencedwithinputwaveformsswitchingfromVIL(ac)toVIH(ac)onthepositivetransitionsandVIH(ac)toVIL(ac)onthe
negativetransitions.
AC input test signal waveform
VDDQ
VIH(ac) min
VIH(dc) min
VREF
VIL(dc) max
VIL(ac) max
VSS
VSWING(MAX)
DTR
DTF
VREF - VIL(ac) max
DTF
Falling Slew =
Rising Slew =
VIH(ac) min - VREF
DTR


Similar Part No. - IS43DR32801B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR32800A ISSI-IS43DR32800A Datasheet
913Kb / 41P
   256Mb DDR2 DRAM
More results

Similar Description - IS43DR32801B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR32800A ISSI-IS43DR32800A Datasheet
913Kb / 41P
   256Mb DDR2 DRAM
logo
Hynix Semiconductor
HY5PS561621BLFPE3 HYNIX-HY5PS561621BLFPE3 Datasheet
827Kb / 34P
   256Mb DDR2 SDRAM
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
   256Mb DDR2 SDRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Hynix Semiconductor
H5PS2562GFR HYNIX-H5PS2562GFR Datasheet
1Mb / 61P
   256Mb DDR2 SDRAM
HY5PS561621AFP-E3 HYNIX-HY5PS561621AFP-E3 Datasheet
2Mb / 34P
   256Mb DDR2 SDRAM
HY5PS56421LF-E3 HYNIX-HY5PS56421LF-E3 Datasheet
614Kb / 35P
   256Mb DDR2 SDRAM
logo
Samsung semiconductor
K4C561638C-TCD4000 SAMSUNG-K4C561638C-TCD4000 Datasheet
880Kb / 42P
   256Mb Network-DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com