Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148WS Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # 1N4148WS
Description  SOD-323 Plastic-Encapsulate Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1N4148WS Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  1N4148WS Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1N4148WS Datasheet HTML 2Page - WILLAS ELECTRONIC CORP 1N4148WS Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
25
50
75
100
125
150
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
020
40
60
80
1
10
100
1000
0
5
10
15
20
0.8
1.0
1.2
Forward Characteristics
Reverse Characteristics
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
Typical Characteristics
FORWARD VOLTAGE
V
F
(V)
200
T
a=100
T
a=25
REVERSE VOLTAGE V
R
(V)
T
a=25
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
2012-1
WILLAS ELECTRONIC CORP.
SOD-323 Plastic-Encapsulate Diodes
1N4148WS
BAV16WS
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Dongguan City Niuhang E...
1N4148WS NIUHANG-1N4148WS Datasheet
251Kb / 3P
   SWITCHING RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
1N4148WS WINNERJOIN-1N4148WS Datasheet
178Kb / 2P
   Fast Switching Speed
logo
Tiger Electronic Co.,Lt...
1N4148WS TGS-1N4148WS Datasheet
726Kb / 5P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
1N4148WS VISHAY-1N4148WS Datasheet
142Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.7, 14-Sep-07
More results

Similar Description - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
BZT52B5V1S TGS-BZT52B5V1S Datasheet
1Mb / 5P
   SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B1040WS DGNJDZ-B1040WS Datasheet
1,023Kb / 4P
   SOD-323 Plastic-Encapsulate Diodes
logo
Guangdong Youtai Semico...
CESD3V3D3 UMW-CESD3V3D3 Datasheet
608Kb / 5P
   SOD-323 Plastic-Encapsulate Diodes
logo
Daya Electric Group Co....
BAV16WS DAYA-BAV16WS Datasheet
179Kb / 2P
   SOD-323 Plastic-Encapsulate Diodes
logo
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
   SOD-323 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
1N4148WS WILLAS-1N4148WS Datasheet
520Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B5817WS-1A-SOD-323 DGNJDZ-B5817WS-1A-SOD-323 Datasheet
572Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes
1N4148WS DGNJDZ-1N4148WS_V01 Datasheet
1Mb / 5P
   SOD-323 Plastic-Encapsulate Diodes
B5817WS DGNJDZ-B5817WS_V01 Datasheet
1Mb / 4P
   SOD-323 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com