Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72131KMA Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC72131KMA
Description  PLL Frequency Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131KMA Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC72131KMA Datasheet HTML 1Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 2Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 3Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 4Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 5Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 6Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 7Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 8Page - Sanyo Semicon Device LC72131KMA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LC72131K, LC72131KMA
No.A0788-3/22
Allowable Operating Ranges at Ta = -40
C to +85C, VSS = 0V
Parameter
Symbol
Pins
Conditions
Ratings
unit
min
typ
max
Supply voltage
VDD
VDD
4.5
5.5
V
Input high-level voltage
VIH1
CE, CL, DI
0.7VDD
6.5
V
VIH2
IO1, IO2
0.7VDD
13
V
Input low-level voltage
VIL
CE, CL, DI, IO1, IO2
0
0.3VDD
V
Output voltage
VO1
DO
0
6.5
V
VO2
BO1 to BO4, IO1, IO2, AOUT
0
13
V
Input frequency
fIN1
XIN
VIN1
1.0
8.0
MHz
fIN2
FMIN
VIN2
10
160
MHz
fIN3
AMIN
VIN3
2.0
40
MHz
fIN4
AMIN
VIN4
0.5
10
MHz
fIN5
IFIN
VIN5
0.4
12
MHz
Supported crystals
X'tal
XIN, XOUT
Note 1
4.0
8.0
MHz
Input amplitude
High-level clock pulse width tφH
CL [Figure 1][Figure 2] 160 ns
Low-level clock pulse width
VIN1
XIN
fIN1
400
1500
mVrms
VIN2-1
FMIN
f=10 to 130MHz
40
1500
mVrms
VIN2-2
FMIN
f=130 to 160MHz
70
1500
mVrms
VIN3
AMIN
fIN3
40
1500
mVrms
VIN4
AMIN
fIN4
40
1500
mVrms
VIN5
IFIN
fIN5 (IFS=1)
40
1500
mVrms
VIN6
IFIN
fIN5 (IFS=0)
70
1500
mVrms
Data setup time
tSU
DI, CL
Note 2
0.75
s
Data hold time
tHD
DI, CL
Note 2
0.75
s
Clock low-level time
tCL
CL
Note 2
0.75
s
Clock high-level time
tCH
CL
Note 2
0.75
s
CE wait time
tEL
CE, CL
Note 2
0.75
s
CE setup time
tES
CE, CL
Note 2
0.75
s
CE hold time
tEH
CE, CL
Note 2
0.75
s
Data latch change time
tLC
Note 2
0.75
s
Data output time
tDC
DO, CL
Differs depending
on the value of the
pull-up resistor.
Note 2
0.35
s
tDH
DO, CE
Note 1: Recommended crystal oscillator CI values:
CI
120 (For a 4.5MHz crystal)
CI
70 (For a 7.2MHz crystal)
The characteristics of the oscillation circuit depends on the printed circuit board, circuit constants, and other
factors. Therefore we recommend consulting with the anufacturer of the crystal for evaluation and reliability.
Note 2: Refer to "Serial Data Timing".


Similar Part No. - LC72131KMA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC72131KMA ONSEMI-LC72131KMA Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
LC72131KMA-AE ONSEMI-LC72131KMA-AE Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
More results

Similar Description - LC72131KMA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com