Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6616A4A-5 Datasheet(PDF) 7 Page - A-Data Technology

Part # ADS6616A4A-5
Description  Synchronous DRAM(1M X 16 Bit X 4 Banks)???
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ADS6616A4A-5 Datasheet(HTML) 7 Page - A-Data Technology

  ADS6616A4A-5 Datasheet HTML 1Page - A-Data Technology ADS6616A4A-5 Datasheet HTML 2Page - A-Data Technology ADS6616A4A-5 Datasheet HTML 3Page - A-Data Technology ADS6616A4A-5 Datasheet HTML 4Page - A-Data Technology ADS6616A4A-5 Datasheet HTML 5Page - A-Data Technology ADS6616A4A-5 Datasheet HTML 6Page - A-Data Technology ADS6616A4A-5 Datasheet HTML 7Page - A-Data Technology ADS6616A4A-5 Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
A-Data
ADS6616A4A
Command Truth-Table
Command
CKEn-1
CKEn
/CS
/RAS
/CAS
/WE
DQM
ADDR A10/AP
BA
Mode Register Set
H
X
L
L
L
L
X
OP code
H
X
X
X
No Operation
H
X
L
H
H
H
X
X
Bank Active
H
X
L
L
H
H
X
RA
V
Read
L
Read with Auto Precharge
H
X
L
H
L
H
X
CA
H
V
Write
L
Write with Auto Precharge
H
X
L
H
L
L
X
CA
H
V
Precharge All Bank
H
X
Precharge select Bank
H
X
L
L
H
L
X
X
L
V
Burst Stop
H
X
L
H
H
L
X
X
DQM
H
X
V
X
Auto Refresh
H
H
L
L
L
H
X
X
Entry
H
L
L
L
L
H
X
H
X
X
X
Self Refresh
Exit
L
H
L
H
H
H
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge
Power down
Exit
L
H
L
H
H
H
X
X
H
X
X
X
Entry
H
L
L
V
V
V
X
Clock Suspend
Exit
L
H
X
X
X
Rev 1.1 April, 2001
7


Similar Part No. - ADS6616A4A-5

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS6608A4A A-DATA-ADS6608A4A Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
ADS6608A4A-75 A-DATA-ADS6608A4A-75 Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
ADS6632A4A-5 A-DATA-ADS6632A4A-5 Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
ADS6632A4A-5.5 A-DATA-ADS6632A4A-5.5 Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
More results

Similar Description - ADS6616A4A-5

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com