Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC786960E Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC786960E
Description  Compact Disc Player IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC786960E Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC786960E Datasheet HTML 5Page - Sanyo Semicon Device LC786960E Datasheet HTML 6Page - Sanyo Semicon Device LC786960E Datasheet HTML 7Page - Sanyo Semicon Device LC786960E Datasheet HTML 8Page - Sanyo Semicon Device LC786960E Datasheet HTML 9Page - Sanyo Semicon Device LC786960E Datasheet HTML 10Page - Sanyo Semicon Device LC786960E Datasheet HTML 11Page - Sanyo Semicon Device LC786960E Datasheet HTML 12Page - Sanyo Semicon Device LC786960E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LC786960E
No.A2080-9/24
Continued from the previous page.
Pin
No.
Pin name
I/O
State when
"Reset"
Function
47
GP30
I/O
Input (L)
General purpose I/O port with pull down resistor
48
GP31
I/O
Input (L)
General purpose I/O port with pull down resistor
49
GP32
I/O
Input (L)
General purpose I/O port with pull down resistor
Data 1 input/output for SD memory card
50
GP33
I/O
Input (L)
General purpose I/O port with pull down resistor
Data 0 input/output for SD memory card
51
GP34
I/O
Input (L)
General purpose I/O port with pull down resistor
Clock output for SD memory card
52
GP35
I/O
Input (L)
General purpose I/O port with pull down resistor
Command input/output for SD memory card
53
GP36
I/O
Input (L)
General purpose I/O port with pull down resistor
Data 3 input/output for SD memory card
54
GP37
I/O
Input (L)
General purpose I/O port with pull down resistor
Data 2 input/output for SD memory card
55
MODE0
I
Input
LSI mode set pin 0 This pin must be connected to the 0V level.
56
MODE1
I
Input
LSI mode set pin 1 This pin must be connected to the 0V level.
57
DVDD
-
-
Digital system power supply
58
DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
59
RESB
I
-
IC reset input ("L"-active)
This pin must be set low once after power is first applied.
60
SIFCK
I
Input
Host-I/F
Data transmit clock input for serial communication 1
61
SIFDI
I/O
Input
Host-I/F
Data input for serial communication 1
62
SIFDO
I/O
Input
Host-I/F
Data output for serial communication 1 (CMOS or 3-State output)
63
SIFCE
I/O
Input
Host -I/F
Enable signal input for serial communication 1 ("H"-active)
64
BUSYB
I/O
Input (L)
Host -I/F
System busy signal output ("L"-active)
65
GP03
I/O
Input (L)
General purpose I/O port with pull down resistor
USB device detection flag output
66
GP04
I/O
Input (L)
General purpose I/O port with pull down resistor
IIC (master) clock output
67
GP05
I/O
Input (L)
General purpose I/O port with pull down resistor
IIC (master) data input/output
68
GP06
I/O
Input (L)
General purpose I/O port with pull down resistor
69
GP07
I/O
Input (L)
General purpose I/O port with pull down resistor
70
XVDD1
-
-
Oscillator power supply
71
XIN
I
Oscillation
12MHz oscillator connection
72
XOUT
O
Oscillation
12MHz oscillator connection
73
XVSS1
-
-
Oscillator ground. This pin must be connected to the 0V level.
74
UDM
I/O
-
USB data input/output D- signal connection
75
UDP
I/O
-
USB data input/output D+ signal connection
76
UVDD
-
-
USB power supply
77
VVDD2
-
-
System PLL power supply
78
VVSS2
-
-
System PLL ground. This pin must be connected to the 0V level.
79
AFILT
AO
Undefined
Audio PLL charge pump output
80
VVDD3
-
-
Audio PLL power supply
81
MODE2
I
Input
LSI mode set pin 2 This pin must be connected to the 0V level.
Continued to the next page.


Similar Part No. - LC786960E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786960E-H ONSEMI-LC786960E-H Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
More results

Similar Description - LC786960E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com