Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC786960E Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC786960E
Description  Compact Disc Player IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC786960E Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC786960E Datasheet HTML 1Page - Sanyo Semicon Device LC786960E Datasheet HTML 2Page - Sanyo Semicon Device LC786960E Datasheet HTML 3Page - Sanyo Semicon Device LC786960E Datasheet HTML 4Page - Sanyo Semicon Device LC786960E Datasheet HTML 5Page - Sanyo Semicon Device LC786960E Datasheet HTML 6Page - Sanyo Semicon Device LC786960E Datasheet HTML 7Page - Sanyo Semicon Device LC786960E Datasheet HTML 8Page - Sanyo Semicon Device LC786960E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LC786960E
No.A2080-5/24
Electrical Characteristics
at Ta = -40 to +85
C, VDD1 = 3.0V to 3.6V,
DVSS = AVSS = LRVSS = XVSS1 = XVSS2 = VVSS1 = VVSS2 = 0V
Parameter
Symbol
Pin names
Conditions
min
typ
max
Unit
Current drain
IDD1
DVDD, AVDD, LRVDD,
XVDD1, XVDD2, UVDD,
VVDD1, VVDD2, VVDD3
125
144
mA
High-level input current
IIH(1)
RESB, SIFCK, SIFDI,
JTMS, JTRSTB, JTCK, JTDI,
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12
Schmitt,
VIN = 5.50V
Built-in
Pull-down
resistor OFF
10.00
A
IIH(2)
GP13, GP30, GP31, GP32,
GP33, GP34, GP35, GP36,
GP37, GP43, GP44, GP45,
GP50, GP51, GP52, GP53
Schmitt,
VIN = VDD1
Built-in
Pull-down
resistor OFF
10.00
A
Low-level input current
IIL(1)
RESB, SIFCK, SIFDI,
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
GP13, GP30, GP31, GP32,
GP33, GP34, GP35, GP36,
GP37, GP43, GP44, GP45,
GP50, GP51, GP52, GP53,
JTMS, JTRSTB, JTCK, JTDI,
MODE0, MODE1, MODE2
Schmitt,
VIN = 0V
-10.00
A
High-level output voltage
VOH(1)
GP04, GP05, GP06, GP07,
GP12, GP13, GP30, GP31,
GP32, GP33, GP34, GP35,
GP36, GP37, GP43, GP44,
GP50, GP51, GP52, GP53
CMOS,
IOH = -2mA
VDD1-0.6
V
VOH(2)
SIFDI, SIFDO, SIFCE,
BUSYB, GP03, GP10, GP11,
GP45, JTDO, JTRTCK
CMOS,
IOH = -4mA
VDD1-0.6
V
Low-level output voltage
VOL(1)
GP04, GP05, GP06, GP07,
GP12, GP13, GP30, GP31,
GP32, GP33, GP34, GP35,
GP36, GP37, GP43, GP44,
GP50, GP51, GP52, GP53
CMOS,
IOL = 2mA
0.40
V
VOL(2)
SIFDI, SIFDO, SIFCE,
BUSYB, GP03, GP10, GP11,
GP45, JTDO, JTRTCK
CMOS,
IOL = 4mA
0.40
V
Output off-leakage current
IOFF(1)
PDOUT0, PDOUT1, AFILT
Hi-Z Out
-10.00
10.00
A
IOFF(2)
SIFDO
Hi-Z Out
-10.00
10.00
A
Built-in pull down resistor
RPD
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
GP13, GP30, GP31, GP32,
GP33, GP34, GP35, GP36,
GP37, GP43, GP44, GP45,
GP50, GP51, GP52, GP53
50
100
200
k
Charge pump output current
IPDOH
PDOUT1, PDOUT0
PCKIST = 100k
Current value
setting: 1x
42.50
50.00
57.50
A
IPDOL
PDOUT1, PDOUT0
-57.50
-50.00
-42.50
A
IAFILH
AFILT
15.0
A
IAFILL
AFILT
15.0
A
<Note>
 Put a internal pull down resistor or external pull down resistor or external pull up resistor to the SIFDO pin if its
output condition is set to 3-State mode.


Similar Part No. - LC786960E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786960E-H ONSEMI-LC786960E-H Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
More results

Similar Description - LC786960E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com