Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7608A4A Datasheet(PDF) 6 Page - A-Data Technology

Part # ADS7608A4A
Description  Synchronous DRAM(4M X 8 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ADS7608A4A Datasheet(HTML) 6 Page - A-Data Technology

  ADS7608A4A Datasheet HTML 1Page - A-Data Technology ADS7608A4A Datasheet HTML 2Page - A-Data Technology ADS7608A4A Datasheet HTML 3Page - A-Data Technology ADS7608A4A Datasheet HTML 4Page - A-Data Technology ADS7608A4A Datasheet HTML 5Page - A-Data Technology ADS7608A4A Datasheet HTML 6Page - A-Data Technology ADS7608A4A Datasheet HTML 7Page - A-Data Technology ADS7608A4A Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A-Data
ADS7608A4A
AC Characteristics
-5
-5.5
-6
-7
-7.5
Parameter
Symbol
Min Max Min Max Min Max Min Max Min Max
Unit Note
/CAS Latency = 3
tCK3
5
5.5
6
7
7.5
System clock
Cycle time
/CAS Latency = 2
tCK2
10
1000
10
1000
10
1000
10
1000
7.5
1000 ns
Clock high pulse width
tCHW
2
-
2.25
-
2.5
-
2.5
-
2.5
-
ns
1
Clock low pulse width
tCLW
2
-
2.25
-
2.5
-
2.5
-
2.5
-
ns
1
/CAS Latency = 3
tAC3
-
4.5
-
5
-
5.4
-
5.4
-
5.4
Access time
form clock
/CAS Latency = 2
tAC2
-
6
-
6
-
6
-
6
-
5.4
ns
2
Operation
tRC
55
-
55
-
60
-
62
-
65
-
/RAS cycle
time
Auto Refresh
tRRC
55
-
55
-
60
-
62
-
65
-
ns
/RAS to /CAS delay
tRCD
15
-
16.5
-
18
-
20
-
15
-
ns
/RAS active time
tRAS
40 100K 38.5 100K 42 100K 42 120K 45 120K ns
/RAS precharge time
tRP
15
-
16.5
-
18
-
20
-
15
-
ns
/RAS to /RAS bank active delay
tRRD
10
-
11
-
12
-
14
-
15
-
ns
/CAS to /CAS delay
tCCD
1
-
1
-
1
-
1
-
1
-
CLK
Write command to data – in delay tWTL
0
-
0
-
0
-
0
-
0
-
CLK
Data – in to precharge command
tDPL
1
-
1
-
1
-
1
-
1
-
CLK
Data – in active command
tDAL
5
-
5
-
5
-
4
-
4
-
CLK
DQM to data – out Hi-Z
tDQZ
2
-
2
-
2
-
2
-
2
-
CLK
DQM to data – in mask
tDQM
0
-
0
-
0
-
0
-
0
-
CLK
Data – out hold time
tOH
1.5
-
2
-
2.7
-
2.7
-
2.7
-
ns
Data – input setup time
tDS
1.5
-
1.5
-
1.5
-
1.5
-
1.5
-
ns
1
Data – input hold time
tDH
1
-
1
-
1
-
1
-
1
-
ns
1
Address setup time
tAS
1.5
-
1.5
-
1.5
-
1.5
-
1.5
-
ns
1
Address hold time
tAH
1
-
1
-
1
-
1
-
1
-
ns
1
CKE setup time
tCKS
1.5
-
1.5
-
1.5
-
1.5
-
1.5
-
ns
1
CKE hold time
tCKH
1
-
1
-
1
-
1
-
1
-
ns
1
Command setup time
tCS
1.5
-
1.5
-
1.5
-
1.5
-
1.5
-
ns
1
Command hold time
tCH
1
-
1
-
1
-
1
-
1
-
ns
1
CLK to data output in low Z-time
tOLZ
1
-
1
-
1
-
1.5
-
1.5
-
ns
MRS to new command
tMRD
2
-
2
-
2
-
1
-
1
-
CLK
Power down exit time
tPDE
1
-
1
-
1
-
1
-
1
-
CLK
Self refresh exit time
tSRE
1
-
1
-
1
-
1
-
1
-
CLK
3
Refresh time
tREF
64
-
64
-
64
-
64
-
64
-
ms
Note : 1. Assume tR / tF (input rise and fall time) is 1 ns.
2. Access times to be measured with input signals of 1v / ns edge rate.
3.A new command can be given tRRC after self refresh exit.
Rev 1 April, 2001
6


Similar Part No. - ADS7608A4A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
ADS7616A4A-55 A-DATA-ADS7616A4A-55 Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
ADS7616A4A-6 A-DATA-ADS7616A4A-6 Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
ADS7616A4A-7 A-DATA-ADS7616A4A-7 Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
More results

Similar Description - ADS7608A4A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS7608A4A A-DATA-VDS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS8616A8A A-DATA-VDS8616A8A Datasheet
538Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_1 Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A ESMT-M12L2561616A Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S16030 SAMSUNG-KM48S16030 Datasheet
116Kb / 10P
   4M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com