Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC786961W Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC786961W
Description  Compact Disc Player IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC786961W Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC786961W Datasheet HTML 6Page - Sanyo Semicon Device LC786961W Datasheet HTML 7Page - Sanyo Semicon Device LC786961W Datasheet HTML 8Page - Sanyo Semicon Device LC786961W Datasheet HTML 9Page - Sanyo Semicon Device LC786961W Datasheet HTML 10Page - Sanyo Semicon Device LC786961W Datasheet HTML 11Page - Sanyo Semicon Device LC786961W Datasheet HTML 12Page - Sanyo Semicon Device LC786961W Datasheet HTML 13Page - Sanyo Semicon Device LC786961W Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LC786961W
No.A2081-10/29
Continued from the previous page.
Pin
No.
Pin name
I/O
State when
"Reset"
Function
47
SDDAT11
I/O
Input (L)
SDRAM data input/output 11 (pull down resistor)
48
SDDAT10
I/O
Input (L)
SDRAM data input/output 10 (pull down resistor)
49
SDDAT09
I/O
Input (L)
SDRAM data input/output 9 (pull down resistor)
50
SDDAT08
I/O
Input (L)
SDRAM data input/output 8 (pull down resistor)
51
SDDQM
O
Low
SDRAM data mask control output
SDRAM-DQMH(UDQM) pin should be connected
both for 16M and 64Mbit-SDRAM.
52
SDCLK
O
Low
SDRAM clock output
53
SDCKE
O
Low
SDRAM clock enable output
54
SDADRS11
O
Low
SDRAM address output 11
No use (NC) for 16Mbit-SDRAM
SDRAM-ADRS11 pin connection for 64Mbit-SDRAM
55
SDADRS09
O
Low
SDRAM address output 9
56
DVDD
-
-
Digital system power supply
57
DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
58
DVDD15
AO
High
Capacitor connection pin for internal regulator
59
SDADRS08
O
Low
SDRAM address output 8
60
SDADRS07
O
Low
SDRAM address output 7
61
SDADRS06
O
Low
SDRAM address output 6
62
SDADRS05
O
Low
SDRAM address output 5
63
SDADRS04
O
Low
SDRAM address output 4
64
SDADRS03
O
Low
SDRAM address output 3
65
SDADRS02
O
Low
SDRAM address output 2
66
SDADRS01
O
Low
SDRAM address output 1
67
SDADRS00
O
Low
SDRAM address output 0
68
SDADRS10
O
Low
SDRAM address output 10
69
SDBA
O
Low
SDRAM bank select address output
SDRAM-BANK pin connection for 16Mbit-SDRAM
SDRAM-BANK1 pin connection for 64Mbit-SDRAM
70
SDADRS12
O
Low
SDRAM address output 12
SDRAM-DQML (LDQM) pin connection for 16Mbit-SDRAM. SDRAM-BANK0 pin
connection for 64Mbit-SDRAM
71
SDCSB
O
Low
SDRAM Chip Select output
72
SDRASB
O
Low
SDRAM Row Address Strobe output
73
SDCASB
O
Low
SDRAM Column Address Strobe output
74
SDWEB
O
Low
SDRAM Write Enable output
75
SDDAT07
I/O
Input (L)
SDRAM data input/output 7 (pull down resistor)
76
SDDAT06
I/O
Input (L)
SDRAM data input/output 6 (pull down resistor)
77
SDDAT05
I/O
Input (L)
SDRAM data input/output 5 (pull down resistor)
78
SDDAT04
I/O
Input (L)
SDRAM data input/output 4 (pull down resistor)
79
SDDAT03
I/O
Input (L)
SDRAM data input/output 3 (pull down resistor)
80
SDDAT02
I/O
Input (L)
SDRAM data input/output 2 (pull down resistor)
81
SDDAT01
I/O
Input (L)
SDRAM data input/output 1 (pull down resistor)
82
SDDAT00
I/O
Input (L)
SDRAM data input/output 0 (pull down resistor)
83
MODE0
I
Input
LSI mode set pin 0 This pin must be connected to the 0V level.
84
MODE1
I
Input
LSI mode set pin 1 This pin must be connected to the 0V level.
85
DVDD
-
-
Digital system power supply
86
DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
87
RESB
I
-
IC reset input ("L"-active)
This pin must be set low once after power is first applied.
88
SIFCK
I
Input
Host-I/F
Data transmit clock input for serial communication 1
89
SIFDI
I/O
Input
Host-I/F
Data input for serial communication 1
Continued to the next page.


Similar Part No. - LC786961W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786961W-H ONSEMI-LC786961W-H Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
More results

Similar Description - LC786961W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com