Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7608A4A-55 Datasheet(PDF) 5 Page - A-Data Technology

Part # ADS7608A4A-55
Description  Synchronous DRAM(4M X 8 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

ADS7608A4A-55 Datasheet(HTML) 5 Page - A-Data Technology

  ADS7608A4A-55 Datasheet HTML 1Page - A-Data Technology ADS7608A4A-55 Datasheet HTML 2Page - A-Data Technology ADS7608A4A-55 Datasheet HTML 3Page - A-Data Technology ADS7608A4A-55 Datasheet HTML 4Page - A-Data Technology ADS7608A4A-55 Datasheet HTML 5Page - A-Data Technology ADS7608A4A-55 Datasheet HTML 6Page - A-Data Technology ADS7608A4A-55 Datasheet HTML 7Page - A-Data Technology ADS7608A4A-55 Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A-Data
ADS7608A4A
DC Characteristics II
Speed
Parameter
Symbol
Test condition
-5
-5.5
-6
-7
-7.5
Unit
Note
Operating Current
IDD1
Burst length=1, One bank active
tRC≧tRC(min),IOL=0mA
115
113
110
105
100
mA
1
IDD2P
CKE≦VIL(max), tCK=min
2
Precharge standby
current in power
down mode
IDD2PS CKE≦VIL(max), tCK=∞
2
mA
IDD2N
CKE≧VIH(min), /CS≧VIH(min),
tCK=min input signals are
changed one time during 2clks.
All other pins ≧VDD-0.2V or ≦
0.2V
15
Precharge standby
current in Non power
down mode
IDD2NS
CKE≧VIH(min), tCK=∞
Input signals are stable.
12
mA
IDD3P
CKE≦VIL(max), tCK=min
6
Active standby
current in power
down mode
IDD3PS CKE≦VIL(max), tCK=∞
5
mA
IDD3N
CKE≧VIH(min), /CS≧VIH(min),
tCK=min input signals are
changed one time during 2clks.
All other pins ≧VDD-0.2V or ≦
0.2V
30
Active standby
current in Non power
down mode
IDD3NS
CKE≧VIH(min), tCK=∞
Input signals are stable.
20
mA
Burst mode operating
current
IDD4
tCK≧tCK(min),IOL=0 mA
All banks active
160
160
155
150
150
mA
1
Auto refresh current
IDD5
tRRC≧tRRC(min), All banks
active
160
mA
2
Self refresh current
IDD6
CKE≦0.2V
1
mA
Note: 1. IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output
open.
2. Min. of tRRC is shown at AC characteristics.
Rev 1 April, 2001
5


Similar Part No. - ADS7608A4A-55

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
ADS7616A4A-55 A-DATA-ADS7616A4A-55 Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
ADS7616A4A-6 A-DATA-ADS7616A4A-6 Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
ADS7616A4A-7 A-DATA-ADS7616A4A-7 Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
More results

Similar Description - ADS7608A4A-55

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS7608A4A A-DATA-VDS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS8616A8A A-DATA-VDS8616A8A Datasheet
538Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_1 Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A ESMT-M12L2561616A Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S16030 SAMSUNG-KM48S16030 Datasheet
116Kb / 10P
   4M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com