Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G3157GF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G3157GF
Description  2-channel analog multiplexer/demultiplexer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G3157GF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G3157GF Datasheet HTML 6Page - NXP Semiconductors 74LVC1G3157GF Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157GF Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157GF Datasheet HTML 9Page - NXP Semiconductors 74LVC1G3157GF Datasheet HTML 10Page - NXP Semiconductors 74LVC1G3157GF Datasheet HTML 11Page - NXP Semiconductors 74LVC1G3157GF Datasheet HTML 12Page - NXP Semiconductors 74LVC1G3157GF Datasheet HTML 13Page - NXP Semiconductors 74LVC1G3157GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
74LVC1G3157
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 6 December 2012
10 of 25
NXP Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
Propagation delay is the calculated RC time constant of the typical ON resistance of the switch and the specified capacitance when
driven by an ideal voltage source (zero output impedance).
[4]
ten is the same as tPZH and tPZL.
[5]
tdis is the same as tPLZ and tPHZ.
[6]
Break-before-make specified by design.
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 18.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
Z to Yn or Yn to Z; see Figure 15
[2][3]
VCC = 1.65 V to 1.95 V
-
-
2
-
3.0
ns
VCC = 2.3 V to 2.7 V
-
-
1.2
-
2.0
ns
VCC = 2.7 V
-
-
1.0
-
1.5
ns
VCC = 3 V to 3.6 V
-
-
0.8
-
1.5
ns
VCC = 4.5 V to 5.5 V
-
-
0.6
-
1.0
ns
ten
enable time
S to Yn; see Figure 16
[4]
VCC = 1.65 V to 1.95 V
1.0
8.7
14
1.0
14.0
ns
VCC = 2.3 V to 2.7 V
1.0
5.3
7.5
1.0
7.5
ns
VCC = 2.7 V
1.0
4.9
6.0
1.0
6.0
ns
VCC = 3 V to 3.6 V
0.5
4.0
5.5
0.5
5.5
ns
VCC = 4.5 V to 5.5 V
0.5
3.0
4.0
0.5
4.0
ns
tdis
disable time
S to Yn; see Figure 16
[5]
VCC = 1.65 V to 1.95 V
2.5
6.0
8.5
2.5
8.5
ns
VCC = 2.3 V to 2.7 V
2.0
4.4
6.0
2.0
6.0
ns
VCC = 2.7 V
1.5
4.2
5.0
1.5
5.0
ns
VCC = 3 V to 3.6 V
1.5
3.6
4.5
1.5
4.5
ns
VCC = 4.5 V to 5.5 V
0.8
2.9
3.5
0.8
3.5
ns
tb-m
break-before-make
time
see Figure 17
[6]
VCC = 1.65 V to 1.95 V
0.5
-
-
0.5
-
ns
VCC = 2.3 V to 2.7 V
0.5
-
-
0.5
-
ns
VCC =2.7 V
0.5
-
-
0.5
-
ns
VCC =3Vto3.6 V
0.5
-
-
0.5
-
ns
VCC = 4.5 V to 5.5 V
0.5
-
-
0.5
-
ns


Similar Part No. - 74LVC1G3157GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G3157GF NXP-74LVC1G3157GF Datasheet
121Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 3-16 September 2010
More results

Similar Description - 74LVC1G3157GF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com