Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9002 Datasheet(PDF) 10 Page - Touchstone Semiconductor Inc

Part # TS9002
Description  Low-Power Single/Dual-Supply Dual Comparator with Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9002 Datasheet(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS9002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS9002 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS9002
Page 10
TS9002DS r1p0
RTFDS
In this example, a
1.9kΩ, 1% standard
value resistor is selected for R2.
5.
Calculating R3.
R
(R2 + R ) R2
1.0
MΩ – 1.9kΩ
1.00 MΩ
In this
example, a 1MΩ, 1% standard value
resistor is selected for R3.
6.
Using the equations below, verify all resistor
values selected:
VOTH (VREF + VHYS) x
R1 + R2 + R
R1
= 5.474V
VOTH (VREF VHYS) x
R1 + R2 + R
(R1+R2)
4.4 4V
Where the hysteresis voltage is given by:
VHYS VREF x
R5
R4


Similar Part No. - TS9002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Taiwan Semiconductor Co...
TS90021CX5 TSC-TS90021CX5 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002ACX5 TSC-TS9002ACX5 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
More results

Similar Description - TS9002

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com