Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1702031803 Datasheet(PDF) 2 Page - AAEON Technology

Part # 1702031803
Description  18.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1702031803 Datasheet(HTML) 2 Page - AAEON Technology

  1702031803 Datasheet HTML 1Page - AAEON Technology 1702031803 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-4
Dimension
Unit: mm
Ordering Information
TF-ACP-5182HTT-A1-1010
18.5” Fanless Multi-Touch Window Panel Computer with Onboard Intel® Dual Core Atom™ D510 Processor,
1 GB RAM
Optional Accessories
ACP-5182
ARM-WK075-0
Wallmount Kit
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
9761518200
Smart Card Reader
9761518201
Camera
9761518204 + AP-OT978966665D
Skype Phone and Mounting Kit
9761518206
MSR + Mounting Kit
9761518205
Scanner (2D) + Mounting Kit
9761518202
WiFi Antenna
9761115200
WiFi Module, IEEE 802.11 b/g + Bluetooth™
P005182010
Plastic Cover for Cables


Similar Part No. - 1702031803

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1702031803 AAEON-1702031803 Datasheet
311Kb / 2P
   15.6??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
1702031803 AAEON-1702031803 Datasheet
395Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
1702031803 AAEON-1702031803 Datasheet
323Kb / 2P
   21.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
1702031803 AAEON-1702031803 Datasheet
446Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
1702031803 AAEON-1702031803 Datasheet
464Kb / 2P
   Fanless Design (Celeron짰 M 600 MHz)
More results

Similar Description - 1702031803

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACP-5212 AAEON-ACP-5212 Datasheet
323Kb / 2P
   21.5??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
ACP-5152 AAEON-ACP-5152 Datasheet
311Kb / 2P
   15.6??Fanless Multi-Touch Computer With Onboard Intel짰 Dual Core Atom??D510 Processor
ACP-5187 AAEON-ACP-5187 Datasheet
325Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/Celeron짰 Processor
ACP-5185 AAEON-ACP-5185 Datasheet
395Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
ACP-5217 AAEON-ACP-5217 Datasheet
462Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel짰 Core?
logo
GSR Technology Ltd
GSR-186 GSR-GSR-186 Datasheet
491Kb / 2P
   18.5??Fanless Multi-touch Panel PC with Intel짰 Core??i5-4300U Processor
logo
AAEON Technology
ACP-5187 AAEON-ACP-5187 Datasheet
325Kb / 2P
   18.5??Fanless Multi-Touch Computer With Intel Core??i7/i5/Celeron Processor
ACP-5215 AAEON-ACP-5215 Datasheet
446Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel짰 Core??i7/i5/P4500 Processor
AHP-2122 AAEON-AHP-2122 Datasheet
368Kb / 2P
   12.1??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D525 Processor
AHP-2153 AAEON-AHP-2153 Datasheet
455Kb / 2P
   15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com