Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX53 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BCX53
Description  SOT-89 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BCX53 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BCX53 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BCX53 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BCX53 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
//htmlimg2.alldatasheet.net/htmldatasheet2/478975/WILLAS/BCX53/214/1/BCX53.png


Similar Part No. - BCX53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Nexperia B.V. All right...
BCX53 NEXPERIA-BCX53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
logo
Central Semiconductor C...
BCX53 CENTRAL-BCX53 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Foshan Blue Rocket Elec...
BCX53 FOSHAN-BCX53 Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
logo
Siemens Semiconductor G...
BCX53 SIEMENS-BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
More results

Similar Description - BCX53

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6_1 Datasheet
118Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
WILLAS ELECTRONIC CORP
2SC1766 WILLAS-2SC1766 Datasheet
362Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors
B772 WILLAS-B772 Datasheet
353Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors
BC869 WILLAS-BC869 Datasheet
427Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors
2SA1201 WILLAS-2SA1201 Datasheet
351Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors
2SD1898 WILLAS-2SD1898 Datasheet
268Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
logo
Shenzhen Tuofeng Semico...
B772 TUOFENG-B772 Datasheet
3Mb / 2P
   SOT-89 Plastic-Encapsulate Transistors
D882 TUOFENG-D882 Datasheet
3Mb / 2P
   SOT-89 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
D882 WILLAS-D882 Datasheet
481Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
2SB766 WILLAS-2SB766 Datasheet
338Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors
2SB1188 WILLAS-2SB1188 Datasheet
531Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com