Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6358N Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA6358N
Description  High-Performance Dual Operational Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6358N Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA6358N Datasheet HTML 1Page - Sanyo Semicon Device LA6358N Datasheet HTML 2Page - Sanyo Semicon Device LA6358N Datasheet HTML 3Page - Sanyo Semicon Device LA6358N Datasheet HTML 4Page - Sanyo Semicon Device LA6358N Datasheet HTML 5Page - Sanyo Semicon Device LA6358N Datasheet HTML 6Page - Sanyo Semicon Device LA6358N Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA6358N, 6358NS, 6358NM, 6358NT
No.5234-5/7
6. SVR
7. CS
8. ICC
9. IO source
10. IO sink
VCC
VF9,
VF10
VCC1
VCC2
R2
R2
R1
R1
VEE
VEE
C
NULL
--
+
--
+
SVR(+)=20 log
VF9-VF10
(1+R2 / R1)(VCC1-VCC2)
VCC
VF11,
VF12
VCC
R2
R2
R1
R1
VEE
VEE1,
VEE2
C
NULL
--
+
--
+
SVR(-)=20 log
VF11-VF12
(1+R2 / R1)(VEE1-VEE2)
VIN
B
--
+
A
A
Vo
a
b
b
c
B
R2
RL
R2
SW : a
SW : b
R1
R1
--
+
a
VCC / 2
VCC / 2
VCC / 2
VCC
VCC
VCC / 2
RL
R1 VOA
R2 VOB
R1 VOB
R2 VOA
A
VCC
A
VCC
LA6358N,
LA6358NM,
LA6358NT
LA6358NS
A
VCC
+1V
VO
--
+
A
VCC
+1V
VO
--
+
Supply voltage, VCC – V
Supply voltage, VCC –V
ICC -- VCC
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
010
15
520
25
30
35
40
IB -- VCC
0
20
40
60
80
100
010
20
30
40
VCC
ICC
Ta = 0 to +70°C
-20°C


Similar Part No. - LA6358N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
LA6358NJ SANYO-LA6358NJ Datasheet
283Kb / 6P
   High-Performance Dual Operational Amplifier
LA6358NJM SANYO-LA6358NJM Datasheet
324Kb / 6P
   High-Performance Dual Operational Amplifier
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
More results

Similar Description - LA6358N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
   DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6458M SANYO-LA6458M Datasheet
99Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204 Datasheet
141Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
April 1998
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
MC1458IN STMICROELECTRONICS-MC1458IN Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com