Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK404-070N-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK404-070N-E
Description  1ch class-AB Audio Power IC 60W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-070N-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK404-070N-E Datasheet HTML 1Page - Sanyo Semicon Device STK404-070N-E Datasheet HTML 2Page - Sanyo Semicon Device STK404-070N-E Datasheet HTML 3Page - Sanyo Semicon Device STK404-070N-E Datasheet HTML 4Page - Sanyo Semicon Device STK404-070N-E Datasheet HTML 5Page - Sanyo Semicon Device STK404-070N-E Datasheet HTML 6Page - Sanyo Semicon Device STK404-070N-E Datasheet HTML 7Page - Sanyo Semicon Device STK404-070N-E Datasheet HTML 8Page - Sanyo Semicon Device STK404-070N-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STK404-070N-E
No.A2105-3/10
Package Dimensions
unit : mm (typ)
RoHS directive pass
Equivalent Circuit
TR7
TR8
Driver Amp.
TR6
R4
R5
1
2
3
4
5
6
7
8
9
10
Input Amp.
IN NF
SUB
C2
10
1
(6.82)
0.5
3.6
0.4
2.9
36.5
8.5
44.0
9 2.54=22.86
2.54


Similar Part No. - STK404-070N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
More results

Similar Description - STK404-070N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com