Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AEC-6611-A3-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-AEC-6611-A3-1010
Description  Fanless Controller With Intel Atom N270 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEC-6611-A3-1010 Datasheet(HTML) 2 Page - AAEON Technology

  TF-AEC-6611-A3-1010 Datasheet HTML 1Page - AAEON Technology TF-AEC-6611-A3-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Optional Accessories
TF-AEC-6611-A1-1010
Embedded Controller, Intel® Atom™ N270, 2 COM, 4 USB, DC 12V/ATX
TF-AEC-6611-A2-1010
Embedded Controller, Intel® Atom™ N270, 4 COM, 4 USB, DC 12V/ATX, with Mini Card and Mini PCI
TF-AEC-6611-A3-1010
Embedded Controller, Intel® Atom™ N270, Fanless, 8 COM, 2 USB, DC 12V/ATX, with Mini Card
TF-AEC-6611-A2M-1010
Embedded Controller, Intel® Atom™ N270, 4 COM, 4 USB, DC9-30V, with Mini Card and Mini-PCI
AEC-6611
Certification
EMC
CE /FCC Class A
Safety
Dimension (W x H x D)
7.8"(W) x 2.3"(H) x 4.4"(D) (197mm x 57.2mm x 112mm)
Gross Weight
4.31 lb (1.96 Kg)
Note
Windows® XP Embedded, Windows® CE, Windows® 7, Linux Fedora
1757306004
Power Adapter (60W), Output: DC 12V - for AEC-6611-A1/A2/A3
1757904002
Power Adapter (40W), Output: DC 12V - for AEC-6611-A2M
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
9741662505
VESA Mount Kit
9741681003
DIN Rail Mount Kit
10-14
Dimension
Unit: mm


Similar Part No. - TF-AEC-6611-A3-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-6612-A1-1010 AAEON-TF-AEC-6612-A1-1010 Datasheet
229Kb / 2P
   Intel짰 Atom??D510 Processor
TF-AEC-6612-A1M-1010 AAEON-TF-AEC-6612-A1M-1010 Datasheet
229Kb / 2P
   Intel짰 Atom??D510 Processor
TF-AEC-6612-A2-1010 AAEON-TF-AEC-6612-A2-1010 Datasheet
229Kb / 2P
   Intel짰 Atom??D510 Processor
TF-AEC-6612-A2M-1010 AAEON-TF-AEC-6612-A2M-1010 Datasheet
229Kb / 2P
   Intel짰 Atom??D510 Processor
TF-AEC-6612-B1-1010 AAEON-TF-AEC-6612-B1-1010 Datasheet
271Kb / 2P
   Intel짰 Atom??D525 Processor
More results

Similar Description - TF-AEC-6611-A3-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6511 AAEON-AEC-6511 Datasheet
249Kb / 2P
   IP-67 Water-Proof Fanless Embedded Controller With Intel Atom N270 Processor
AEC-6831 AAEON-AEC-6831 Datasheet
360Kb / 2P
   Fanless Embedded Controller With Intel Atom Processor
AEC-6872 AAEON-AEC-6872 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
   Fanless Tiny Embedded Controller With Intel Atom??Processor
EPIC-9457W1 AAEON-EPIC-9457W1 Datasheet
403Kb / 1P
   EPIC Board with Onboard Intel Atom N270 Processor
EMB-9459T AAEON-EMB-9459T Datasheet
259Kb / 2P
   Embedded Motherboard with Onboard Intel Atom N270 Processor
logo
List of Unclassifed Man...
LEC-2026 ETC2-LEC-2026 Datasheet
279Kb / 2P
   Fanless Industrial PC with Dual Core Intel Atom N270
logo
AAEON Technology
GCS-1100I AAEON-GCS-1100I Datasheet
524Kb / 2P
   Green Communication System with Intel Atom N270 Processor
logo
Advantech Co., Ltd.
PPC-L128T ADVANTECH-PPC-L128T_12 Datasheet
2Mb / 2P
   12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L157T-080-XE ADVANTECH-PPC-L157T-080-XE Datasheet
590Kb / 2P
   15" Fanless Panel PC with Intel짰 Atom??N270 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com