Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ10021 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MJ10021
Description  60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10021 Datasheet(HTML) 5 Page - Motorola, Inc

  MJ10021 Datasheet HTML 1Page - Motorola, Inc MJ10021 Datasheet HTML 2Page - Motorola, Inc MJ10021 Datasheet HTML 3Page - Motorola, Inc MJ10021 Datasheet HTML 4Page - Motorola, Inc MJ10021 Datasheet HTML 5Page - Motorola, Inc MJ10021 Datasheet HTML 6Page - Motorola, Inc MJ10021 Datasheet HTML 7Page - Motorola, Inc MJ10021 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJ10020 MJ10021
5
Motorola Bipolar Power Transistor Device Data
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power supplies
and hammer drivers, current and voltage waveforms are not
in phase. Therefore, separate measurements must be made
on each waveform to determine the total switching time. For
this reason, the following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% VCEM
trv = Voltage Rise Time, 10–90% VCEM
tfi = Current Fall Time, 90–10% ICM
tti = Current Tail, 10–2% ICM
tc = Crossover Time, 10% VCEM to 10% ICM
An enlarged portion of the inductive switching waveforms is
shown in Figure 7 to aid in the visual identity of these terms.
For the designer, there is minimal switching loss during
storage time and the predominant switching power losses
occur during the crossover interval and can be obtained us-
ing the standard equation from AN–222A:
PSWT = 1/2 VCC IC (tc) f
In general, trv + tfi ^ tc. However, at lower test currents this
relationship may not be valid.
As is common with most switching transistors, resistive
switching is specified at 25
°C and has become a benchmark
for designers. However, for designers of high frequency con-
verter circuits, the user oriented specifications which make
this a “SWITCHMODE” transistor are the inductive switching
speeds (tc and tsv) which are guaranteed at 100_C.
Figure 10. Typical Turn–On Switching Times
IC, COLLECTOR CURRENT (AMPS)
2.0
3.0
5.0 7.0 10
20
60
Figure 11. Typical Turn–Off Switching Times
IC, COLLECTOR CURRENT (AMPS)
Figure 12. Thermal Response
t, TIME (ms)
1.0
0.01
0.1
0.1
1.0
10
100
10000
R
θJC(t) = RθJC
R
θJC(t) = 0.7°C/W MAX
DETERMINE t2 FOR POWER
PULSE AND READ r(t)
TJ(pk) = TC + P(pk) R
θJC(t)
P(pk)
t1
SINGLE PULSE
1000
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
tf
VCC = 175 V
IC/IB = 25
VBE(off) = 5 V
TJ = 25°C
VCC = 175 V
IC/IB = 25
TJ = 25°C
ts
td
tr
40
0.6 0.8 1.0
2.0
3.0
5.0 7.0 10
20
60
40
0.6 0.81.0
RESISTIVE SWITCHING


Similar Part No. - MJ10021

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10021 MOSPEC-MJ10021 Datasheet
211Kb / 4P
   POWER TRANSISTORS(60A,200-250V,250W)
logo
ON Semiconductor
MJ10021 ONSEMI-MJ10021 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
New Jersey Semi-Conduct...
MJ10021 NJSEMI-MJ10021 Datasheet
101Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
logo
Continental Device Indi...
MJ10021 CDIL-MJ10021 Datasheet
1Mb / 10P
   NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
More results

Similar Description - MJ10021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
Continental Device Indi...
MJ10020 CDIL-MJ10020 Datasheet
1Mb / 10P
   NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
BU806 MOTOROLA-BU806 Datasheet
104Kb / 4P
   8.0 AMPERE DARLINGTON NPN POWER TRANSISTORS 60 WATTS 200 VOLTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com