Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AEC-6841-A1-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-AEC-6841-A1-1010
Description  Mini Fanless Embedded Controller With Intel Atom Low Power Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEC-6841-A1-1010 Datasheet(HTML) 2 Page - AAEON Technology

  TF-AEC-6841-A1-1010 Datasheet HTML 1Page - AAEON Technology TF-AEC-6841-A1-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-30
AEC-6841
TF-AEC-6841-A1-1010
Embedded Controller, Intel® Atom™ 1.6GHz, 1 Mini Card, DC 9-30V, 1 GB RAM, VGA, 2 LAN, 8 DIO, 4 COM, 4
USB
TF-AEC-6841-B1-1010
Embedded Controller, Intel® Atom™ 1.6GHz, 1 Mini-PCI, DC 9-30V, 1 GB RAM, VGA, 2 LAN, 8 DIO, 4 COM, 4
USB
Ordering Information
Optional Accessories
1757904003
Power Adapter (40W), Output: DC 12V
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
9761684100
2.5” HDD Kit- for AEC-6841-A1
9761684101
2.5” HDD Kit- for AEC-6841-B1
222
212.15
240
Certification
EMC
CE /FCC Class A
Safety
Dimension (W x H x D)
8.35” (W) x 2.52” (H) x 4.21” (D) (212mm x 64mm x 107mm)
Gross Weight
8.36 lb (3.8Kg)
Dimension
Unit: mm


Similar Part No. - TF-AEC-6841-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-6840-A1 AAEON-TF-AEC-6840-A1 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
TF-AEC-6840-A2 AAEON-TF-AEC-6840-A2 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
TF-AEC-6840-A3 AAEON-TF-AEC-6840-A3 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
TF-AEC-6840-A4 AAEON-TF-AEC-6840-A4 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
TF-AEC-6840-A5 AAEON-TF-AEC-6840-A5 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
More results

Similar Description - TF-AEC-6841-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6831 AAEON-AEC-6831 Datasheet
360Kb / 2P
   Fanless Embedded Controller With Intel Atom Processor
AEC-6911 AAEON-AEC-6911 Datasheet
320Kb / 2P
   Advanced Fanless Embedded Controller With Intel Atom Low Power Processor
AEC-6872 AAEON-AEC-6872 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
   Fanless Tiny Embedded Controller With Intel Atom??Processor
logo
Axiomtek Co., Ltd.
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
   Fanless Embedded System with Intel Atom Processor
logo
AAEON Technology
AEC-6420 AAEON-AEC-6420 Datasheet
297Kb / 2P
   Compact Embedded Controller With Intel Atom Low Power Processor
AEC-6611 AAEON-AEC-6611 Datasheet
292Kb / 2P
   Fanless Controller With Intel Atom N270 Processor
AEC-6511 AAEON-AEC-6511 Datasheet
249Kb / 2P
   IP-67 Water-Proof Fanless Embedded Controller With Intel Atom N270 Processor
AEC-6643 AAEON-AEC-6643 Datasheet
286Kb / 2P
   Embedded Controller with Intel Atom??D2550 B3 Processor
logo
Axiomtek Co., Ltd.
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL_17 Datasheet
315Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com