Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AEC-6876-A2-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-AEC-6876-A2-1010
Description  Fanless Embedded Controller With Intel Core i7/ i5/ Celeron Processor And PCI-Express Expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AEC-6876-A2-1010 Datasheet(HTML) 2 Page - AAEON Technology

  TF-AEC-6876-A2-1010 Datasheet HTML 1Page - AAEON Technology TF-AEC-6876-A2-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-24
Dimension
Unit: mm
Ordering Information
Optional Accessories
AEC-6876
TF-AEC-6876-A1-1010
Embedded Controller, Intel® Celeron® B810 1.6GHz, 2GB RAM, 4 USB, 4 COM, DVI, HDMI, VGA, DC 12 V
TF-AEC-6876-A2-1010
Embedded Controller, Intel® Core™ i5-2510E 2.5GHz, 2GB RAM, 4 USB, 4 COM, DVI, HDMI, VGA, DC 12 V
TF-AEC-6876-A1M-1010
Embedded Controller, Intel® Celeron® B810 1.6GHz, 2GB RAM, 4 USB, 4 COM, DVI, HDMI, VGA, DC 9-30V
TF-AEC-6876-A2M-1010
Embedded Controller, Intel® Core™ i5-2510E 2.5GHz, 2GB RAM, 4 USB, 4 COM, DVI, HDMI, VGA, DC 9-30V
TF-AEC-6876-B1M-1010
Embedded Controller, Intel® Celeron® B810 1.6GHz, 2GB RAM, 4 USB, 4 COM, DVI, HDMI, VGA, 2 PCI, DC
9-30V
TF-AEC-6876-B2M-1010
Embedded Controller, Intel® i5-2510E 2.5GHz, 2GB RAM, 4 USB, 4 COM, DVI, HDMI, VGA, 2 PCI, DC 9-30V
TF-AEC-6876-B3M-1010
Embedded Controller, Intel® i7-2710QE 2.1GHz, 4GB RAM, 4 USB, 4COM, DVI, HDMI, VGA, 2 PCI, DC 9-30V
1757908403
Power Adapter (84W), Output: DC 12V for AEC-6876-A1/A2
1757912001
Power Adapter (120W), Output: DC 19V-for AEC-6876-A1M/A2M
1702031830
Power Cord (US Type)
1702031831
Power Cord (European Type)
1702031810
Power Cord (Japanese Type)
Operating Temperature
No Airflow
32°F ~ 122°F (0°C ~ 50°C) Wide
Temperature CFD with WT RAM x 2
Ambient with Airflow
5°F ~ 131°F (-15°C ~ 55°C) Wide
Temperature CFD with WT RAM x 2
Storage Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Anti-Vibration
5 g rms/ 5 ~ 500Hz/ operation – CFD
1 g rms/ 5~ 500Hz/ operation – HDD
Anti-Shock
50 G peak acceleration (11 msec. duration) – CFD
20 G peak acceleration (11 msec. duration) – HDD
MTBF
Certification
EMC
CE/FCC class A
Safety
Dimension (W x H x D)
8.19"(W) x 4.02"(H) x 9.37"(D) (208mmx 102mm x 238mm)
Gross Weight
13.2 lb (6 Kg)
Note
Windows® XP Embedded, Windows® XP, Windows® 7, Linux Fedora 10
Support
AEC-6876


Similar Part No. - TF-AEC-6876-A2-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AEC-6872-A1-1010 AAEON-TF-AEC-6872-A1-1010 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
TF-AEC-6872-A2-1010 AAEON-TF-AEC-6872-A2-1010 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
TF-AEC-6872-B1-1010 AAEON-TF-AEC-6872-B1-1010 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
TF-AEC-6872-B2-1010 AAEON-TF-AEC-6872-B2-1010 Datasheet
300Kb / 2P
   Fanless Embedded Controller With Intel Atom D510 Processor
More results

Similar Description - TF-AEC-6876-A2-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6877 AAEON-AEC-6877 Datasheet
343Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5/Celeron Processor And PCI/PCIe Expansion
AEC-6635 AAEON-AEC-6635 Datasheet
524Kb / 2P
   Fanless Embedded Controller With Intel Core i7/i5 Processor
AEC-6940 AAEON-AEC-6940 Datasheet
347Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
AEC-6920 AAEON-AEC-6920 Datasheet
335Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor And PCI-Express Expansion
logo
Axiomtek Co., Ltd.
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_17 Datasheet
295Kb / 1P
   Fanless Embedded System with Intel Core i7/i3 & Celeron Processor
logo
AAEON Technology
EPIC-QM57 AAEON-EPIC-QM57 Datasheet
318Kb / 2P
   EPIC Express Board with Intel Core i7/ i5/ Celeron (32nm) Processor
logo
Axiomtek Co., Ltd.
EBOX670-883-FL AXIOMTEK-EBOX670-883-FL_17 Datasheet
348Kb / 1P
   Fanless Embedded System with LGA1150 Socket Intel Core i7/i5/i3 & Celeron
TBOX324-894-FL AXIOMTEK-TBOX324-894-FL Datasheet
605Kb / 2P
   Fanless Embedded System with 7th Gen Intel Core i7/i5/i3 & Celeron
EBOX660-872-FL AXIOMTEK-EBOX660-872-FL_17 Datasheet
338Kb / 1P
   Fanless Embedded System with Socket G2 Intel Core i7/i5/i3 & Celeron
logo
AAEON Technology
ACP-5217 AAEON-ACP-5217 Datasheet
462Kb / 2P
   21.5??Fanless Multi-Touch Computer With Intel Core??i7/i5/Celeron Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com