Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD13465AF Datasheet(PDF) 5 Page - Analog Devices

Part # AD13465AF
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13465AF Datasheet(HTML) 5 Page - Analog Devices

  AD13465AF Datasheet HTML 1Page - Analog Devices AD13465AF Datasheet HTML 2Page - Analog Devices AD13465AF Datasheet HTML 3Page - Analog Devices AD13465AF Datasheet HTML 4Page - Analog Devices AD13465AF Datasheet HTML 5Page - Analog Devices AD13465AF Datasheet HTML 6Page - Analog Devices AD13465AF Datasheet HTML 7Page - Analog Devices AD13465AF Datasheet HTML 8Page - Analog Devices AD13465AF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD13465
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1, 35
SHIELD
Internal Ground Shield Between Channels.
2, 3, 9, 10, 13, 16
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to the
device as possible.
4
A–IN
Inverting Differential Input (Gain = 1).
5
A+IN
Noninverting Differential Input (Gain = 1).
6
AMP-OUT-A
Single-Ended Amplifier Output (Gain = 2).
7
AMP-IN-A-1
Analog Input for A Side ADC (Nominally
±0.5 V).
8
AMP-IN-A-2
Analog Input for A Side ADC (Nominally
±1.0 V).
11
AVEEA
A Channel Analog Negative Supply Voltage (Nominally –5.0 V or –5.2 V).
12
AVCCA
A Channel Analog Positive Supply Voltage (Nominally 5.0 V).
14
ENCA
Complement of Encode; Differential Input.
15
ENCA
Encode Input; Conversion Initiated on Rising Edge.
17
DVCCA
A Channel Digital Positive Supply Voltage (Nominally 5.0 V/3.3 V).
18–25, 28–33
D0A–D13A
Digital Outputs for ADC A. D0 (LSB).
26, 27
DGNDA
A Channel Digital Ground.
34
DROUTA
Data Ready A Output.
36
DROUTB
Data Ready B Output.
37–42, 45–52
D0B–D13B
Digital Outputs for ADC B. D0 (LSB).
43, 44
DGNDB
B Channel Digital Ground.
53
DVCCB
B Channel Digital Positive Supply Voltage (Nominally 5.0 V/3.3 V).
54, 57, 60, 61, 67, 68
AGNDB
B Channel Analog Ground.
55
ENCB
Encode Input; Conversion Initiated on Rising Edge.
56
ENCB
Complement of Encode; Differential Input.
58
AVCCB
B Channel Analog Positive Supply Voltage (Nominally 5.0 V).
59
AVEEB
B Channel Analog Negative Supply Voltage (Nominally –5.0 V or –5.2 V).
62
AMP-IN-B-2
Analog Input for B Side ADC (Nominally
±1.0 V).
63
AMP-IN-B-1
Analog Input for B Side ADC (Nominally
±0.5 V).
64
AMP-OUT-B
Single-Ended Amplifier Output (Gain = 2).
65
B+IN
Noninverting Differential Input (Gain = 1).
66
B–IN
Inverting Differential Input (Gain = 1).
PIN CONFIGURATION
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
961
8765
68 67 66 65 64 63 62
4321
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD13465
AGNDB
AGNDB
AGNDA
D0A(LSB)
D3A
D4A
D5A
D6A
D7A
AGNDB
ENCB
ENCB
DGNDA
D13B(MSB)
D12B
D11B
DGNDB
D10B
D9B
D8B
D7B
D6B
ENCA
ENCA
AGNDA
AGNDA
D1A
D2A
AVEEA
AVCCA
DVCCA
AVEEB
AVCCB
DVCCB


Similar Part No. - AD13465AF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AD13 MICROCHIP-AD13 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
List of Unclassifed Man...
AD130 ETC1-AD130 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
AD131 ETC1-AD131 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
HANAMICRON
AD1315 HANAMICRON-AD1315 Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
AD1315KZ HANAMICRON-AD1315KZ Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
More results

Similar Description - AD13465AF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com