Electronic Components Datasheet Search |
|
TF-AEC-6920-A4-1110 Datasheet(PDF) 2 Page - AAEON Technology |
|
TF-AEC-6920-A4-1110 Datasheet(HTML) 2 Page - AAEON Technology |
2 / 2 page 10-48 Ordering Information Optional Accessories TF-AEC-6920-A1-1110 • Embedded Controller, Intel® Core™ 2 Duo 2.0 GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 512MB RAM TF-AEC-6920-A2-1110 • Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless.1 PCIe, 1 PCI, DC 9-30V, 512MB RAM TF-AEC-6920-A3-1110 • Embedded Controller, Intel® Celeron® M 1.86 GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 512MB RAM TF-AEC-6920-A4-1110 • Embedded Controller, Intel® Core™ 2 Duo 2.0GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 1GB RAM TF-AEC-6920-A5-1110 • Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless,1 PCIe, 1 PCI, DC 9-30V, 1GB RAM TF-AEC-6920-A6-1110 • Embedded Controller, Intel® Core™ 2 Duo 2.0 GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 2GB RAM TF-AEC-6920-A7-1110 • Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V, 2GB RAM TF-AEC-6920-A9-1110 • Embedded Controller, Intel® Core™ 2 Duo L7400 1.5GHz, Fanless, 1 PCIe, 1 PCI, DC 9-30V TF-AEC-6920-A10-1010 • Embedded Controller, Intel® Core™ 2 Duo T2500 2.0GHz, Fanless, 1 PCIe, 1 PCI, DC9-30V, 1GB RAM TF-AEC-6920-B1-1110 • Embedded Controller, Intel® Core™ 2 Duo 2.0 GHz, Fanless, 2 PCI, DC 9-30V, 512MB RAM TF-AEC-6920-B2-1110 • Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless, 2 PCI, DC 9-30V, 512MB RAM TF-AEC-6920-B3-1110 • Embedded Controller, Intel® Celeron® M 1.86 GHz, Fanless, 2PCI, DC 9-30V, 512MB RAM 1757912001 • AC Adapter (120W), Input AC 100~240V; Output: DC 19V 1702031830 • Power Cord (US type) 1702031831 • Power Cord (European type) 1702031810 • Power Cord (Japanese type) 9783204012 • Automotive Hard Disk Drive 40G 9741692003 • Slim CD-ROM + 2.5” SATA HDD Kit 9741692004 • 2.5” IDE x 1 + 2.5” SATA HDD Kit 9741692005 • 3.5” IDE HDD Kit TF-AEC-6920-B4-1110 • Embedded Controller, Intel® Core™ 2 Duo 2.0GHz, Fanless, 2 PCI, DC 9-30V, 1GB RAM TF-AEC-6920-B5-1110 • Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless, DC 9-30V, 1GB RAM TF-AEC-6920-B6-1110 • Embedded Controller, Intel® Core™ 2 Duo 2.0 GHz, Fanless, 2 PCI, DC 9-30V, 2GB RAM TF-AEC-6920-B7-1110 • Embedded Controller, Intel® Core™ 2 Duo 1.6 GHz, Fanless, 2 PCI, DC 9-30V, 2GB RAM TF-AEC-6920-B8-1110 • Embedded Controller, Intel® Core™ 2 Duo T2500 2.0GHz, Fanless, 2 PCI, DC 9-30V, 1GB RAM Certification EMC CE/FCC class A Safety UL, LVD Dimension (W x H x D) 8.4"(W) x 3.7"(H) x 9.4"(D) (214mm x 94.8mm x 237.8mm) Gross Weight 12.76 lb (5.8 Kg) AEC-6920 Dimension Unit: mm |
Similar Part No. - TF-AEC-6920-A4-1110 |
|
Similar Description - TF-AEC-6920-A4-1110 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |