Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK433-890N-E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK433-890N-E
Description  4channel class-AB Audio Power IC 80W4ch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-890N-E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK433-890N-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
82912HKPC 018-11-0093 No.A2109-1/12
STK433-890N-E
Overview
The STK433-890N-E is 4 channels class-AB audio frequency power amplifier hybrid IC.
Application
• Audio Power amplifiers
Features
• Pin-to-pin compatible outputs ranging from 40W to 80W.
• Miniature package.
• Output load impedance: RL = 6Ω recommended.
• Allowable load shorted time: 0.3 second
• Allows the use of predesigned applications for standby and mute circuit.
Series model
STK433-040N-E
STK433-060N-E
STK433-130N-E
STK433-330N-E
Output1 (10%/1kHz)
40W
× 2ch
50W
× 2ch
150W
× 2ch
150W
× 3ch
Output2 (0.4%/20Hz to 20kHz)
25W
× 2ch
35W
× 2ch
100W
× 2ch
100W
× 3ch
Max. rating VCC (quiescent)
±38V
±46V
±71.5V
±71.5V
Max. rating VCC (6Ω)
±36V
±40V
±63V
±63V
Recommended operating VCC (6Ω)
±24V
±27V
±44V
±44V
Dimensions (excluding pin height)
47.0mm
×25.6mm×9.0mm
67.0mm
×25.6mm×9.0mm
64.0mm
×36.6mm×9.0mm
STK433-840N-E
STK433-870N-E
STK433-890N-E
Output1 (10%/1kHz)
40W
× 4ch
60W
× 4ch
80W
× 4ch
Output2 (0.4%/20Hz to 20kHz)
25W
× 4ch
40W
× 4ch
50W
× 4ch
Max. rating VCC (quiescent)
±38V
±50V
±54V
Max. rating VCC (6Ω)
±36V
±44V
±47V
Recommended operating VCC (6Ω)
±25V
±30V
±34V
Dimensions (excluding pin height)
64.0mm
×31.1mm×9.0mm
78.0mm
×44.1mm×9.0mm
Ordering number : ENA2109
Thick-Film Hybrid IC
4channel class-AB Audio Power IC
80W
× 4ch


Similar Part No. - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results

Similar Description - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
logo
ON Semiconductor
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
STK433-840N-E ONSEMI-STK433-840N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com