Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK611-721-E Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK611-721-E
Description  Fan 3-phase Inverter Motor Drive Inverter Hybrid IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK611-721-E Datasheet(HTML) 8 Page - Sanyo Semicon Device

  STK611-721-E Datasheet HTML 1Page - Sanyo Semicon Device STK611-721-E Datasheet HTML 2Page - Sanyo Semicon Device STK611-721-E Datasheet HTML 3Page - Sanyo Semicon Device STK611-721-E Datasheet HTML 4Page - Sanyo Semicon Device STK611-721-E Datasheet HTML 5Page - Sanyo Semicon Device STK611-721-E Datasheet HTML 6Page - Sanyo Semicon Device STK611-721-E Datasheet HTML 7Page - Sanyo Semicon Device STK611-721-E Datasheet HTML 8Page - Sanyo Semicon Device STK611-721-E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STK611-721-E
No.A1718-8/9
Usage Precaution
1. By the addition of the diode for the bootstrap (DB : high speed type with withstand voltage of 600V or more) and of
the capacitor (CB : about 1 to 47
μF), a single power supply drive is enabled. In this case, an electric charge is
charged to CB by turning on the lower side IGBT (By inputting LOW signal to lower side). The problem of causing
the adverse effect by the noise etc. might occur because big charging current flows when the voltage of CB is low as
started, and put limitation resistor RB (About tens of
Ω from the number of Ω), please. (When not using bootstrap
circuit, each upper side pre-driver needs an external independent power supply.) Also, the upper side power supply
voltage sometimes declines depending on controlling condition. Please confirm the voltage with an actual set.
2. The voltage jump associated with vibration caused by the switching operation occurs through the influence of
floating inductance on the wiring of the external power supply, which is connected to “+” and “-” terminals; therefore,
it is recommended that the wiring inductance be low by shortening the wiring length (between CI and each terminal)
and the snubber circuit (capacitor/CS/about 0.1 to 10
μF) for voltage absorption be connected as close as possible
between “+” and “-” terminals to reduce the surge voltage.
3. Output form of “FAULT/EN” terminal (pin 17) is open DRAIN (it operates as “FAULT” when becoming “LOW”).
Moreover, please connect the pull-up resistor (RP) so that the voltage of this terminal may usually become 2.5V or
more because this terminal holds the shutdown input of internal pre-driver (It usually operates by 2.5V or more, and
stop operation by 0.8V or less) concurrently. When the pull-up voltage is 5V, use RP with resistance 6.8k
Ω or more,
and in case of 15V, use RP with resistance 20k
Ω or more.
4. Inside the H-IC, a thermistor is connected between “TH” terminal (pin 1) and “VSS” terminal (pin 19). The
thermistor can be used as the temperature monitor by connecting the pull-up resistor (RP) externally. When the pull-
up voltage is 5V, use “RP” with resistance 10k
Ω or more, and in case of 15V, use “RP” with resistance 39kΩ or
more.
5. Although the pull-down resistor is connected with the inside of the signal input terminal, connect the pull-down
resistor (about 2.2 to 3.3k
Ω) outside to decrease the influence of the noise by wiring etc.
6. The H-IC may be destroyed when the motor connection terminals (pins 4, 6 and 8) are opened while the motor is
running; therefore please be especially careful about the connection (soldering condition) of these terminals.
7. The “ITRIP” terminal (pin 16) is the input terminal of the built-in comparator. It can stop operation by inputting the
voltage
more than VITRIP (0.41V to 0.52V). (Apply voltage less than VITRIP to this pin when normal operation).
Please use it as various protections such as the overcurrent protection (feedback from external shunt resistor).
In addition, the protection operation will not be latched.
After the protection operation ends, the H-IC operation resumes typ.8ms later. Therefore, turn all the input signals
OFF (low) as soon as the protection operation is detected.
8. When input pulse width is less than 1μs, an output may not react to the pulse. (Both ON signal and OFF signal)
This data shows the example of the application circuit and does not guarantee a design as the mass production set.


Similar Part No. - STK611-721-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK611-721-E ONSEMI-STK611-721-E Datasheet
129Kb / 9P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
More results

Similar Description - STK611-721-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK621-033N-E SANYO-STK621-033N-E Datasheet
83Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
STK621-061-E SANYO-STK621-061-E Datasheet
87Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
logo
ON Semiconductor
STK621-061-E ONSEMI-STK621-061-E Datasheet
85Kb / 8P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
STK611-721-E ONSEMI-STK611-721-E Datasheet
129Kb / 9P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
   3-phase Motor Drive Inverter
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanyo Semicon Device
STK628-130-E SANYO-STK628-130-E Datasheet
64Kb / 6P
   Inverter for IH Cooker Inverter Hybrid IC
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
   3-phase inverter
logo
Fairchild Semiconductor
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com