Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK760-211-E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK760-211-E
Description  Single-phase rectification Active Converter Hybrid IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK760-211-E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK760-211-E Datasheet HTML 1Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 2Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 3Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 4Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 5Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 6Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 7Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 8Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STK760-211-E
No.A1788-2/10
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Collector-emitter voltage
VCE
600
V
Repetitive peak collector current
ICP
*1
185
A
Collector current
IC
72
A
IGBT
(TR1+TR2)
Power dissipation
PC1
125
W
Diode reverse voltage
VRM
600
V
Repetitive peak forward current
IF1P
*1
106
A
Diode forward current
IF1
36
A
FRD1
(D1)
Power dissipation
PD1
73
W
Repetitive peak forward current
IF2P
*1
15
A
Diode forward current
IF2
7
A
FRD2
(D2)
Power dissipation
PD2
13
W
Supply voltage (VCC-GND)
VCC
20
V
Pin 4
VIS
-10 to 0.3
Pin 5
VCOMP
Pin 8
VFB
Pin 9
VOVP
-0.3 to 6.5
Pin 2
VONF
Signal pin input voltage
Pin 6
Vctl
-0.3 to VCC
V
Maximum input AC voltage
VAC
Single-phase Full-rectified
264
V
Maximum output voltage
VO
450
V
Maximum output power
Wo
4kW
Input AC current (normal condition)
IIN
Under the Application condition
(VAC=200V)
20
Arms
Junction temperature
Tj
150
°C
Operating case temperature
Tc
HIC case temperature
*2
-20 to +100
°C
Storage temperature
Tstg
-40 to +125
°C
Tightening torque
A screw part
*3
1.0
N•m
Withstand voltage
VINS
50Hz sine wave AC 1minute
*4
2000
VRMS
[Note]
*1: Duty ratio D = 0.1, tp = 1ms
*2: Measure point is between 5mm to center of back.
*3: Torque should be set within 0.79 to 1.0N
⋅m. Flatness of the heat-sink should be lower than 0.15mm.
*4: The test condition: AC2500V, 1 second.


Similar Part No. - STK760-211-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
More results

Similar Description - STK760-211-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-213AC-E SANYO-STK760-213AC-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-216-E ONSEMI-STK760-216-E Datasheet
116Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-213-E SANYO-STK760-213-E Datasheet
113Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-216-E SANYO-STK760-216-E Datasheet
119Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-213A-E ONSEMI-STK760-213A-E Datasheet
105Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com