Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK760-213AC-E Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # STK760-213AC-E
Description  Single-phase rectification Active Converter Hybrid IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK760-213AC-E Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button STK760-213AC-E Datasheet HTML 3Page - Sanyo Semicon Device STK760-213AC-E Datasheet HTML 4Page - Sanyo Semicon Device STK760-213AC-E Datasheet HTML 5Page - Sanyo Semicon Device STK760-213AC-E Datasheet HTML 6Page - Sanyo Semicon Device STK760-213AC-E Datasheet HTML 7Page - Sanyo Semicon Device STK760-213AC-E Datasheet HTML 8Page - Sanyo Semicon Device STK760-213AC-E Datasheet HTML 9Page - Sanyo Semicon Device STK760-213AC-E Datasheet HTML 10Page - Sanyo Semicon Device STK760-213AC-E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STK760-213AC-E
No.A2147-9/11
Application Circuit
3.3
μF
/630V
2.2
μF
/630V
470
μF
/450V
×4
0.5mH/30A
ON : (2)Pin=5V to VCC
OFF : (2)Pin=0V(GND)
VO
Co
Cs
VCC=15V
Vctl
ON/OF
R1
C2
C3
C1
L1
DB1
680k
Ω 680kΩ
470k
Ω 470kΩ
R4
R5
22
18
14
10
9
7
6
5
4
3
2
1
R2
R3
C4
GND
0V
7m
Ω/7W
Rs
SW
Ri
Ci
VAC
13
21
17
Recommended Condition
Parameter
Symbol
Conditions
Ratings
unit
AC Voltage
VAC
50/60Hz
170 to 264
Vrms
Output voltage
VO
VAC
×√2+(10 to 15)≤450
V
Over-voltage detection voltage
VOV
VOUT+(10 to 20)
V
Control IC supply voltage
VCC
VCC-GND
14.5 to 17.0
V
Inductor
L1
0.5
mH
Input film capacitor
Ci
3.3
≤Ci
μF
Output film capacitor
Cs
2.2
≤Cs
μF
Output electrolytic capacitor
Co
1880
≤Co
μF
Output Voltage Control
Output voltage control signal Vctl sets referring to the Vctl-VO characteristic of the figure below.
240
300
280
260
340
320
360
380
400
420
1
1.6
1.8
2.0
2.2
2.4
2.6
1.4
1.2
2.8
Vctl -- VO
Output voltage control signal input, Vctl -- V


Similar Part No. - STK760-213AC-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-213A-E ONSEMI-STK760-213A-E Datasheet
105Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
More results

Similar Description - STK760-213AC-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-216-E ONSEMI-STK760-216-E Datasheet
116Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-211-E SANYO-STK760-211-E Datasheet
104Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-213-E SANYO-STK760-213-E Datasheet
113Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-216-E SANYO-STK760-216-E Datasheet
119Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-213A-E ONSEMI-STK760-213A-E Datasheet
105Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com