Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1377KD Datasheet(PDF) 8 Page - Analog Devices

Part # AD1377KD
Description  Complete, High Speed 16-Bit A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1377KD Datasheet(HTML) 8 Page - Analog Devices

  AD1377KD Datasheet HTML 1Page - Analog Devices AD1377KD Datasheet HTML 2Page - Analog Devices AD1377KD Datasheet HTML 3Page - Analog Devices AD1377KD Datasheet HTML 4Page - Analog Devices AD1377KD Datasheet HTML 5Page - Analog Devices AD1377KD Datasheet HTML 6Page - Analog Devices AD1377KD Datasheet HTML 7Page - Analog Devices AD1377KD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD1376/AD1377
–8–
REV. B
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
32-Pin Ceramic DIP
(DH-32E)
edge of STATUS places the AD386 back into track mode.
System throughput will be reduced if a long CONVERT
START pulse is used. Throughput can be calculated from
Throughput
=
1
T
ACQ + T CONV + T CS
where TACQ is the T/H acquisition time, TCONV is the time
required for the A/D conversion, and TCS is the duration of
CONVERT START. The combination of the AD1376 and
AD386 will provide greater than 50 kHz throughput. No signifi-
cant T/H droop error will be introduced provided the width of
CONVERT START is small compared with the A/D’s conver-
sion time.
Figure 15. Improved Data Acquisition System
Using the AD1376 or AD1377 at Slower Conversion Times
The user may wish to run the ADC at slower conversion times
in order to synchronize the A/D with an external clock. This is
accomplished by running a slower clock than the internal clock
into the START CONVERT input. This clock must consist of
narrow negative-going clock pulses, as seen in Figure 16. The
pulse must be a minimum of 100 ns wide but not greater than
700 ns. Having a rising edge immediately after a falling edge
inhibits the internal clock pulse. This enables the ADC to func-
tion normally and complete a conversion after 17 clock pulses.
The STATUS command will function normally and switch high
after the first clock pulse and will fall low after the 17th clock
pulse. In this way an external clock can be used to control the
ADC at slower conversion times.
Figure 16. Timing Diagram for Use with an External Clock


Similar Part No. - AD1377KD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1377KD AD-AD1377KD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
More results

Similar Description - AD1377KD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1377 AD-AD1377_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
AD1376 AD-AD1376_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com