Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AHP-2122HTT-A2-1011 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-AHP-2122HTT-A2-1011
Description  12.1??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D525 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AHP-2122HTT-A2-1011 Datasheet(HTML) 2 Page - AAEON Technology

  TF-AHP-2122HTT-A2-1011 Datasheet HTML 1Page - AAEON Technology TF-AHP-2122HTT-A2-1011 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-6
Dimension
Unit: mm
Optional Accessories
AHP-2122
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
1757908401
12V 84W Power Adapter w/ 3-pin Terminal Block
9761115200
WiFi Kit, 802.11b/g and Bluetooth® V2.0 + EDR
ARM-WK075-0
Wallmount Kit
Ordering Information
Part Number
Display
Type
Luminance
CPU
RAM LAN USB RS-232 RS-232/422/485
Storage
Accessory
Cables
Display
Expansion
Mounting
Power
TF-AHP-2122HTT-A2-1011
12.1" TFT-LCD
500 nits
Intel® Atom™
D525, 1.8GHz
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
Mini Card x 1
Panel/ Desktop/ VESA100/
Wall
DC 9V-30V
TF-AHP-2122STT-A2-1011 12.1" TFT-LCD
1000 nits
Intel® Atom™
D525, 1.8GHz
2GB
2
4
1
1
CFast™ x 1
HDD x 1
_
VGA x 1
Mini Card x 1
Panel/ Desktop/ VESA100/
Wall
DC 9V-30V
Packing List
Mounting brackets and screws
Product CD
AHP-2122


Similar Part No. - TF-AHP-2122HTT-A2-1011

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AHP-2153HTT-A2-1010 AAEON-TF-AHP-2153HTT-A2-1010 Datasheet
455Kb / 2P
   15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
TF-AHP-2153HTT-A2-1011 AAEON-TF-AHP-2153HTT-A2-1011 Datasheet
455Kb / 2P
   15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
TF-AHP-2153STT-A2-1010 AAEON-TF-AHP-2153STT-A2-1010 Datasheet
455Kb / 2P
   15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
TF-AHP-2153STT-A2-1011 AAEON-TF-AHP-2153STT-A2-1011 Datasheet
455Kb / 2P
   15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
More results

Similar Description - TF-AHP-2122HTT-A2-1011

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AHP-2153 AAEON-AHP-2153 Datasheet
455Kb / 2P
   15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
AFP-6123 AAEON-AFP-6123 Datasheet
284Kb / 2P
   12.1??Stainless Fanless Touch Panel Computer With Intel Atom D2550 Onboard, 2G RAM
AFP-6152 AAEON-AFP-6152 Datasheet
288Kb / 2P
   15??Stainless Fanless Touch Panel Computer With Intel Atom D525 Processor, 2G RAM
AHP-1122 AAEON-AHP-1122 Datasheet
422Kb / 2P
   12.1??XGA HMI Touch Panel Computer with Onboard Intel Atom D510 1.66 GHz Processor
logo
Axiomtek Co., Ltd.
GOT3126T-834 AXIOMTEK-GOT3126T-834_17 Datasheet
440Kb / 2P
   12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom
GOT3156T-834 AXIOMTEK-GOT3156T-834 Datasheet
378Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor
logo
AAEON Technology
AGP-3125 AAEON-AGP-3125 Datasheet
340Kb / 2P
   12.1" Rugged Touch Panel Computer With Intel Core i7/i5/P4500 Processor
AHP-2176 AAEON-AHP-2176 Datasheet
421Kb / 2P
   17??Rugged Fanless Touch Panel Computer With Intel Celeron 827E Processor
logo
Axiomtek Co., Ltd.
GOT3126T-834 AXIOMTEK-GOT3126T-834 Datasheet
470Kb / 2P
   12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom Processor E3827 (-20C55C)
GOT3156T-834 AXIOMTEK-GOT3156T-834_17 Datasheet
377Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor E3827
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com