Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2441-EVALZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2441-EVALZ
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441-EVALZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2441-EVALZ Datasheet HTML 7Page - Analog Devices ADP2441-EVALZ Datasheet HTML 8Page - Analog Devices ADP2441-EVALZ Datasheet HTML 9Page - Analog Devices ADP2441-EVALZ Datasheet HTML 10Page - Analog Devices ADP2441-EVALZ Datasheet HTML 11Page - Analog Devices ADP2441-EVALZ Datasheet HTML 12Page - Analog Devices ADP2441-EVALZ Datasheet HTML 13Page - Analog Devices ADP2441-EVALZ Datasheet HTML 14Page - Analog Devices ADP2441-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADP2441
Rev. A | Page 11 of 32
CH1 20.0mV
B
W CH2 10.0V
CH4 200mA Ω
M4.00µs A CH4
120mA
1
4
2
T 41.40%
VIN = 24V
VOUT = 3.3V
FSW = 500kHz
VOUT
INDUCTOR CURRENT
SW
Figure 28. Pulse Skip Mode,
VIN = 24 V, VOUT = 3.3 V, fSW = 500 kHz, No Load
CH1 20.0mV
B
W CH2 10.0V
CH4 500mA Ω
M1.00µs
A CH2
9.80V
1
4
2
T 41.40%
VOUT
INDUCTOR CURRENT
SW
VIN = 24V
VOUT = 3.3V
fSW = 500kHz
LOAD = 1A
Figure 29. PWM Mode,
VIN = 24 V, VOUT = 3.3 V, fSW = 500 kHz, Load = 1 A
CH1 100mV
B
W
CH2 10V
CH4 500mA Ω
M200µs
A CH4
690mA
1
4
2
T 79.80%
VOUT
LOAD
SW
VIN = 24V
VOUT = 5V
fSW = 700kHz
LOAD STEP = 500mA
Figure 30. Load Transient Response,
VIN = 24 V, VOUT = 5 V, fSW = 700 kHz, Load Step = 500 mA
CH1 20.0mV
B
W CH2 10.0V
CH4 500mA Ω
M4.00µs
A CH4
120mA
1
4
2
T 41.40%
VIN = 24V
VOUT = 3.3V
fSW = 500kHz
LOAD = 100mA
VOUT
INDUCTOR CURRENT
SW
Figure 31. Pulse Skip Mode,
VIN = 24 V, VOUT = 3.3 V, fSW = 500 kHz, Load = 100 mA
CH1 200mV
B
W
CH2 10.0V
CH4 1.00A Ω
M2.00ms A CH1
60.0mV
1
4
2
T 49.40%
VOUT
INDUCTOR CURRENT
SW
Figure 32. Hiccup Mode,
VIN = 24 V, VOUT = 3.3 V, fSW = 500 kHz, Output Short to PGND
CH1 50.0mV
B
W CH2 10.0V
CH4 200mA Ω
M200µs
A CH4
604mA
1
4
2
VOUT
LOAD
SW
VIN = 24V
VOUT = 5V
fSW = 700kHz
LOAD STEP = 300mA
Figure 33. Load Transient Response,
VIN = 24 V, VOUT = 5 V, fSW = 700 kHz, Load Step = 300 mA


Similar Part No. - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 12P
   The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
REV. 0
More results

Similar Description - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2442 AD-ADP2442 Datasheet
1Mb / 36P
   36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
Rev. B
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com