Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1819B Datasheet(PDF) 9 Page - Analog Devices

Part # AD1819B
Description  AC??7 SoundPort Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1819B Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1819B Datasheet HTML 5Page - Analog Devices AD1819B Datasheet HTML 6Page - Analog Devices AD1819B Datasheet HTML 7Page - Analog Devices AD1819B Datasheet HTML 8Page - Analog Devices AD1819B Datasheet HTML 9Page - Analog Devices AD1819B Datasheet HTML 10Page - Analog Devices AD1819B Datasheet HTML 11Page - Analog Devices AD1819B Datasheet HTML 12Page - Analog Devices AD1819B Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD1819B
–9–
REV. 0
Analog I/O
These signals connect the AD1819B component to analog sources and sinks, including microphones and speakers.
Pin Name
LQFP
I/O
Description
PC_BEEP
12
I
PC Beep. PC Speaker Beep Pass-Through
PHONE_IN
13
I
Phone. From Telephony Subsystem Speakerphone or Handset
AUX_L
14
I
Auxiliary Input Left Channel
AUX_R
15
I
Auxiliary Input Right Channel
VIDEO_L
16
I
Video Audio Left Channel
VIDEO_R
17
I
Video Audio Right Channel
CD_L
18
I
CD Audio Left Channel
CD_GND
19
I
CD Audio Analog Ground Sense for Differential CD Input
CD_R
20
I
CD Audio Right Channel
MIC1
21
I
Microphone 1. Desktop Microphone Input
MIC2
22
I
Microphone 2. Second Microphone Input
LINE_IN_L
23
I
Line In Left Channel
LINE_IN_R
24
I
Line In Right Channel
LINE_OUT_L
35
O
Line Out Left Channel
LINE_OUT_R
36
O
Line Out Right Channel
MONO_OUT
37
O
Monaural Output to Telephony Subsystem Speakerphone
Filter/Reference
Pin Name
LQFP
I/O
Description
VREF
27
O
Voltage Reference Filter
VREFOUT
28
O
Voltage Reference Output 5 mA Drive (Intended for Mic Bias)
AFILT1
29
O
Antialiasing Filter Capacitor—ADC Right Channel
AFILT2
30
O
Antialiasing Filter Capacitor—ADC Left Channel
FILT_R
31
O
AC-Coupling Filter Capacitor—ADC Right Channel
FILT_L
32
O
AC-Coupling Filter Capacitor—ADC Left Channel
RX3D
33
O
3D Phat Stereo Enhancement—Capacitor
CX3D
34
I
3D Phat Stereo Enhancement—Capacitor
Power and Ground Signals
Pin Name
LQFP
I/O
Description
DVDD1
1
I
Digital VDD—5.0 V
DVSS1
4
I
Digital GND
DVSS2
7
I
Digital GND
DVDD2
9
I
Digital VDD—5.0 V
AVDD1
25
I
Analog VDD—5.0 V
AVSS1
26
I
Analog GND
AVDD2
38
I
Analog VDD—5.0 V
AVSS2
42
I
Analog GND
No Connects
Pin Name
LQFP
I/O
Description
NC
39
No Connect
NC
40
No Connect
NC
41
No Connect
NC
43
No Connect
NC
44
No Connect


Similar Part No. - AD1819B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
More results

Similar Description - AD1819B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981BL AD-AD1981BL Datasheet
333Kb / 28P
   AC ??7 SoundMAX짰 Codec
REV. 0
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
Analog Devices
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com