Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1040 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SR1040
Description  10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SR1040 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SR1040 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SR1040 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WILLAS ELECTRONIC CORP.
201
2-08
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
TO-220
A PACKAGE
S
R1040
THRU
S
R10200
TO-220A
Guardring for overvoltage protection
Cases: TO-220A
Very small conduction losses
Case Material: Molded Plastic. UL Flammability
Mechanical Date
Features
TO-220A
Dimensions in inches and (millimeters)
y
y
Low forward voltage drop
Classification Rating 94V-0
Component in accordance to RoHS 2002/95/EC
Terminals: Lead free Plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 1.899 grams (approximate)
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
SR1040
SR1060
SR10100
SR10150
SR10200
UNIT
Maximum repetitive peak reverse voltage
VRRM
40
60
100
150
200
V
Maximum RMS voltage
VRMS
28
42
70
105
140
V
Maximum DC blocking voltage
VDC
40
60
100
150
200
V
Maximum average forward rectified current
IF
10
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
150.0
A
Maximum Instantaneous Forward Voltage
IF=10A @ 25°C
VF
0.55
0.70
0.85
0.92
V
Maximum DC Reverse Current @ Tc=25°C
at Rated DC Blocking Voltage @ Tc=100°C
IR
0.5
30
0.2
10
mA
Typical Junction Capacitance(NOTE1)
Cj
420
360
280
200
180
pF
Typical Thermal Resistance
RθJC
3
°C/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
NOTES:1.Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
A
.270(6.90)
.230(5.80)
.177(4.50)
.140(3.56)
.039(1.00)
.023(0.60)
.057(1.45)
.046(1.16)
.187(4.82)
.148(3.80)
.053(1.4)
.043(1.1)
.028(0.70)
.014(0.36)
.126
(3. 20 )
.129(3.3)
.1(2.54)
.153(3.9)
.146(3.7)
.583(14.8)
.531(12.7)
.413(10.5)
.374(9.5)
.624(15.87)
.578(14.70)
.102(2.60)
.091(2.30)
.047MAX.
(1.2)
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - SR1040

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR1040 DGNJDZ-SR1040 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
Bytes
SR1040 BYTES-SR1040 Datasheet
161Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SR1040 SAMYANG-SR1040 Datasheet
413Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SR1040 MIC-SR1040 Datasheet
46Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR1040 CHENDA-SR1040 Datasheet
334Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
More results

Similar Description - SR1040

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP1040C WILLAS-SP1040C Datasheet
322Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP1040 WILLAS-SP1040 Datasheet
871Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C WILLAS-SR1040C Datasheet
317Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
SP1040C PACELEADER-SP1040C Datasheet
446Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C PACELEADER-SR1040C Datasheet
442Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
MBR10200CT PACELEADER-MBR10200CT Datasheet
362Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR10200FCT PACELEADER-MBR10200FCT Datasheet
400Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR1040FCT PACELEADER-MBR1040FCT Datasheet
358Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
   20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR1640C WILLAS-SR1640C Datasheet
465Kb / 2P
   16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com