Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-COM-U15-A20 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-COM-U15-A20
Description  COM Express CPU Module With Onboard Intel Atom Z530/Z510 Processors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-COM-U15-A20 Datasheet(HTML) 1 Page - AAEON Technology

  TF-COM-U15-A20 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Note: All specifications are subject to change without notice.
07
07-13
GME965
Features
Specifications
COM-U15 A2.0

Onboard Intel® Atom™ Z530/Z510 Processors

Intel® System Controller Hub US15W

SODIMM DDR2 400/533 Memory, Max. 2 GB

Gigabit Ethernet

Up to 24-bit LVDS LCD, SDVO

High Definition Audio Interface

PATA SSD (Up To 4GB) x 1 Or SATA 3.0Gb/s x 1 Or PATA x 1

USB2.0 x 8

PCI-Express [x1] x 1

Wide DC Input Range, +8.5V To +19V

COM Express Pin-out Type 2

Compact Module Size, 95mm x 95mm, COM.0 Rev. 1.0
COM Express CPU Module With Onboard Intel® Atom™ Z530/Z510 Processors
TF-COM-U15-A20
COM Express CPU Module, Onboard Intel® Atom™ Z510, Intel® System Controller Hub US15W, DDR2
SODIMM, Gigabit Ethernet, SATA, USB2.0, Rev. A2.0
TF-COM-U15-A20-01
COM Express CPU Module, Onboard Intel® Atom™ Z530, Intel® System Controller Hub US15W, DDR2
SODIMM, Gigabit Ethernet, SATA, USB2.0, Rev. A2.0
TF-COM-U15-A20-02
COM Express CPU Module, Onboard Intel® Atom™ Z530, Intel® System Controller Hub US15W, DDR2
SODIMM, Gigabit Ethernet, 4GB SSD, USB2.0, Rev. A2.0
Ordering Information
TF-ECB-951D-A10
COM Express Carrier Board, Gigabit Ethernet, 2CH Audio, 2 COM, USB2.0, CompactFlash™, SD, PCI-
Express, DC, 2 COM Express Connectors, Rev. A1.0
TF-PER-A062
Passive Heat-sink, For COM-U15, Onboard CPU
TF-PER-A057
Heat Spreader Kit, For COM-U15, Onboard CPU
14S62U150C
8Mb PLCC BIOS Chip with Standard (Legacy) BIOS for COM-U15/ NanoCOM-U15 + ECB-951D
Optional Accessories
M2.5Screwx4
ProductCD
COM-U15
Packing list
System
Form Factor
COM Express compact module, Pin-out Type 2, COM.0 Rev. 1.0
Processor
Onboard Intel® Atom™ Z530/Z510 processors
Z530: 1.6 GHz/FSB 533 MHz
Z510: 1.1 GHz/FSB 400 MHz
System Memory
200-pin DDR2 SODIMM x 1, Max. 2 GB (DDR2 400/533)
Chipset
Intel® System Controller Hub US15W
I/O Chipset
Intel® System Controller Hub US15W
Ethernet
Intel® 82574L, 10/100/1000Base-TX
TPM
BIOS
Award BIOS v8.0
TSOP type, 1 MB ROM
With legacy-free BIOS (Default)
EEPROM
Atmel® AT24C02, save BIOS and configuration data (Optional)
Wake on LAN
Watchdog Timer
Fintek F75111
H/W Status Monitoring Supports CPU temperature monitoring (Optional)
Expansion Interface
4-bit SDIO: Multiplexed with GPIO pins
PCI-Express [x1] x 1
LPC bus x 1
SMBus x 1
Power Requirement
Wide DC input range, +8.5V to +19V
Nominal: +12V
2-pin wafer for RTC battery
Power Consumption
(Typical)
Intel® Atom™ Z530 1.6 GHz, DDR2 667 2 GB
0.5A @ +12V
0.185A @ +5V (w/ ECB-951D)
Board Size
3.74"(L) x 3.74"(W) (95mm x 95mm)
Gross Weight
0.55 lb (0.25 Kg)
Operating Temperature 32˚F ~ 140˚F (0˚C ~ 60˚C)
Storage Temperature
-40˚F ~ 176˚F (-40˚C ~ 80˚C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
100,000
Display
Supports LCD/DVI or LCD/LCD (via SDVO) simultaneous/ dual view
displays
Chipset
Intel® System Controller Hub US15W integrated
Memory
Shared system memory up to 256 MB
Resolutions
Up to 1366 x 768 @ 85 Hz (Max. pixel clock of 112 MHz) for LVDS
Up to 1280 x 1024 @ 85 Hz (Max. pixel clock of 160 MHz) for SDVO
LCD Interface
Up to 24-bit single-channel LVDS
SDVO
Supports SDVO x 1
I/O
Storage
1. PATA SSD on board (Master device), Max. 4GB
2. SATA 3.0Gb/s x 1 or PATA x 1 (One device)
USB
USB2.0 x 8
Audio
High definition audio
GPIO
Up to 4 in or 4 out (Default): Multiplexed with 4-bit SDIO
DDR2 SODIMM
Onboard Intel®
Atom™ Z530/Z510
Processor
Intel® System
Controller Hub
US15W
Intel® 82574L
Gigabit Ethernet
2-pin Wafer for
RTC Battery


Similar Part No. - TF-COM-U15-A20

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-COM-U15-A20 AAEON-TF-COM-U15-A20 Datasheet
294Kb / 2P
   COM Express Type 2 CPU Module
TF-COM-U15-A20-01 AAEON-TF-COM-U15-A20-01 Datasheet
294Kb / 2P
   COM Express Type 2 CPU Module
TF-COM-U15-A20-02 AAEON-TF-COM-U15-A20-02 Datasheet
294Kb / 2P
   COM Express Type 2 CPU Module
More results

Similar Description - TF-COM-U15-A20

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NANOCOM-U15A2.0 AAEON-NANOCOM-U15A2.0 Datasheet
256Kb / 2P
   COM Express Type 1 CPU Module With Onboard Intel Atom Z530/Z510 Processor
COM-LNA1.0 AAEON-COM-LNA1.0 Datasheet
378Kb / 1P
   COM Express CPU Module With Onboard Intel Atom N450/D410/D510 Processors
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
NANOCOM-LN AAEON-NANOCOM-LN Datasheet
214Kb / 2P
   COM Express Type 1 CPU Module with Onboard Intel Atom N455 Processor
COM-945GSE AAEON-COM-945GSE Datasheet
376Kb / 2P
   COM Express Type 2 CPU Module With Onboard Intel Atom N270 Processor
COM-TC AAEON-COM-TC Datasheet
301Kb / 2P
   COM Express Type 2 CPU Module with Onboard Intel Atom E620/E680 Processor
NANOCOM-TC AAEON-NANOCOM-TC Datasheet
229Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom E620/E680 Processor
logo
Protech Systems Co., Lt...
EB-581LF PROTECHSYSTEMS-EB-581LF Datasheet
578Kb / 2P
   Intel Atom??Z510/ Z530 3.5" Embedded Board
logo
List of Unclassifed Man...
EMETXE-I2601 ETC2-EMETXE-I2601 Datasheet
1Mb / 2P
   Intel Atom E680/ E640 COM Express CPU Module
logo
AAEON Technology
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com