Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-EPIC-HD07-A10 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-EPIC-HD07-A10
Description  EPIC Board with Onboard AMD G Series Dual/Single Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-EPIC-HD07-A10 Datasheet(HTML) 2 Page - AAEON Technology

  TF-EPIC-HD07-A10 Datasheet HTML 1Page - AAEON Technology TF-EPIC-HD07-A10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-12
Dimension
Unit: mm
EPIC-HD07
Ordering Information
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp
TF-EPIC-HD07-A10
T56N
Fanless
CRT + LVDS
24b, 2CH
SATA x 1
GbE x 2
8
5
1
PCI-104 x 1
Mini Card x 1
mSATA x 1
DC12V
0°C ~ 60°C
TF-EPIC-HD07-A10-01
T44R
Fanless
CRT + LVDS
24b, 2CH
SATA x 1
GbE x 2
8
5
1
PCI-104 x 1
Mini Card x 1
mSATA x 1
DC12V
0°C ~ 60°C
TF-EPIC-HD07-A10-02
T40R
Fanless
CRT + LVDS
24b, 1CH
SATA x 1
GbE x 2
8
4
1
Mini Card x 1
DC12V
0°C ~ 60°C
Component Side
Solder Side
M10HD07000
(TF) Metal, Al, Heat spreader, 176 x 100 x 21mm, Rev.0.0, for EPIC-HD0
1701260200
(TF) Flat Cable, 25P D-SUB FEMALE, 26P 2.00mm Pitch Housing, 20cm
1700060155
(TF) KB & PS/2 Mouse CABLE, 1 x 6P Pitch=1.25mm Housing, 15cm, for PFM-945C
1701010150
(TF) FLAT CABLE, 1 x 10P Pitch=1.25mm Housing, 15cm, for PFM-945C
1700050207
(TF) USB CABLE, 1 x 5P Pitch=1.25mm Housing, 20cm, for PFM-945C
1701090150
(TF) Flat Cable, D-Sub 9(M), 9P Housing, 9P 1.25mm pitch Housing, 15cm
1702150155
(TF) Power Cable, 15P SATA(F), 2P 2.0mm Housing (PH), 15cm
1701150510
(TF) Audio CABLE, 1 x 14P Pitch=1.25mm Housing, 51cm, for PFM-945C
Optional Accessories


Similar Part No. - TF-EPIC-HD07-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-EPIC-5536-A10 AAEON-TF-EPIC-5536-A10 Datasheet
404Kb / 2P
   EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
TF-EPIC-5536-A10-01 AAEON-TF-EPIC-5536-A10-01 Datasheet
404Kb / 2P
   EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
TF-EPIC-5537-A10 AAEON-TF-EPIC-5537-A10 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
TF-EPIC-5537-A10-01 AAEON-TF-EPIC-5537-A10-01 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
TF-EPIC-5537W1-A10 AAEON-TF-EPIC-5537W1-A10 Datasheet
315Kb / 1P
   Onboard AMD Geode??LX 800 Processor 500 MHz
More results

Similar Description - TF-EPIC-HD07-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EPIC-5536 AAEON-EPIC-5536 Datasheet
404Kb / 2P
   EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
EPIC-9457W1 AAEON-EPIC-9457W1 Datasheet
403Kb / 1P
   EPIC Board with Onboard Intel Atom N270 Processor
EPIC-CV07 AAEON-EPIC-CV07 Datasheet
282Kb / 2P
   EPIC Board With Onboard Intel Atom D2550/N2600 Processor
GENE-5315W1 AAEON-GENE-5315W1 Datasheet
394Kb / 1P
   3.5??SubCompact Board with Onboard AMD Geode Tm LX800 Processor
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
logo
Axiomtek Co., Ltd.
EP100 AXIOMTEK-EP100_17 Datasheet
269Kb / 1P
   EPIC SBC with AMD G-Series APU, AMD A50M FCH, Dual DisplayPort/VGA/LVDS
logo
AAEON Technology
EMB-A50M AAEON-EMB-A50M Datasheet
354Kb / 2P
   Embedded Motherboard with Onboard AMD Fusion APU Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
logo
Axiomtek Co., Ltd.
EBOX550-100-FL AXIOMTEK-EBOX550-100-FL_16 Datasheet
238Kb / 1P
   AMD G-series APU T40E 1.0 GHz onboard
logo
AAEON Technology
GENE-HD05 AAEON-GENE-HD05 Datasheet
321Kb / 2P
   3.5??SubCompact Board with AMD G-Series T56N/T40E/T40R Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com