Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-FOX-120ST-A2-1110 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-FOX-120ST-A2-1110
Description  IP-65, 12.1??Multi-Purpose & Water-Proof Panel PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-FOX-120ST-A2-1110 Datasheet(HTML) 2 Page - AAEON Technology

  TF-FOX-120ST-A2-1110 Datasheet HTML 1Page - AAEON Technology TF-FOX-120ST-A2-1110 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-8
Dimension
Unit: mm
FOX-120
Ordering Information
TF-FOX-120ST-A1-1110
Intel® Celeron® M 1.5 G MPWP Panel PC with 12.1” LCD, 512 MB RAM, 10/100Base-TX Ethernet
TF-FOX-120ST-A2-1110
Intel® Celeron® M 600 MHz MPWP Panel PC with 12.1” LCD, 256 MB RAM, 10/100Base-TX Ethernet
TF-FOX-120ST-B1-1110
Intel® Celeron® M 1.5 G MPWP Panel PC with 12.1” LCD, 512 MB RAM, Audio I/O
TF-FOX-120ST-B2-1110
Intel® Celeron® M 600 MHz MPWP Panel PC with 12.1” LCD, 256 MB RAM, Audio I/O
TF-FOX-120HTT-A1-1110
Intel® Celeron® M 1.5 G MPWP Panel PC with 12.1” LCD, 512 MB RAM, 10/100Base-TX Ethernet,
Touch Screen
TF-FOX-120HTT-A2-1110
Intel® Celeron® M 600 MHz MPWP Panel PC with 12.1” LCD, 256 MB RAM, 10/100Base-TX Ethernet,
Touch Screen
TF-FOX-120HTT-B1-1110
Intel® Celeron® M 1.5 G MPWP Panel PC with 12.1” LCD, 512 MB RAM, Audio I/O, Touch Screen
TF-FOX-120HTT-B2-1110
Intel® Celeron® M 600 MHz MPWP Panel PC with 12.1” LCD, 256 MB RAM, Audio I/O, Touch Screen
TF-FOX-120STT-A1-1110
Intel® Celeron® M 1.5 G MPWP Panel PC with 12.1” LCD, 512 MB RAM, 10/100Base-TX Ethernet, L/R
Touch Screen
TF-FOX-120STT-A2-1110
Intel® Celeron® M 600 MHz MPWP Panel PC with 12.1” LCD, 256 MB RAM, 10/100Base-TX Ethernet,
L/R Touch Screen
TF-FOX-120STT-B1-1110
Intel® Celeron® M 1.5 G MPWP Panel PC with 12.1” LCD, 512 MB RAM, Audio I/O, L/R Touch Screen
TF-FOX-120STT-B2-1110
Intel® Celeron® M 600 MHz MPWP Panel PC with 12.1” LCD, 256 MB RAM, Audio I/O, L/R Touch
Screen
Optional Accessories
9761F15000
Wireless LAN kits with Internal Antenna
1757910004
AC Adapter (100W)
968C016G06
16 GB Wide Temperature CompactFlash™
Disk Drive
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
9783204012
2.5" 40 GB Automotive Hard Disk Drive
968C204859
2 GB Wide Temperature CompactFlash™ Drive
968C409654
4 GB Wide Temperature CompactFlash™ Drive
968C819215
8 GB Wide Temperature CompactFlash™ Disk
Drive
STAND-FOXS0
Desktop Stand
Accessories in Packing
1700090208
COM (D-SUB) Cable with Waterproof M12 Connector (FOX series)
1709080251
Two USB Y Cables with Waterproof M12 Connector (FOX series)
M990FOX001
3-pin Water-proof Cap Connector for DC-in or Audio Line-out Port (FOX series)
P990FOX001
Water-proof Cap Connector for LAN Port of FOX series (RJ-45-compliance)
345
60
75
100
USB COM2
Power
COM1
LAN


Similar Part No. - TF-FOX-120ST-A2-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-FOX-121HTT-A1-1010 AAEON-TF-FOX-121HTT-A1-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
TF-FOX-121HTT-A2-1010 AAEON-TF-FOX-121HTT-A2-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
TF-FOX-121HTT-A3-1010 AAEON-TF-FOX-121HTT-A3-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
TF-FOX-121STT-A1-1010 AAEON-TF-FOX-121STT-A1-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
TF-FOX-121STT-A2-1010 AAEON-TF-FOX-121STT-A2-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
More results

Similar Description - TF-FOX-120ST-A2-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FOX-122 AAEON-FOX-122 Datasheet
316Kb / 2P
   IP-65/67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel짰 Core??2 Duo Processor
FOX-81 AAEON-FOX-81 Datasheet
508Kb / 2P
   IP-65 8.4??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 Processor
FOX-121 AAEON-FOX-121 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
FOX-151 AAEON-FOX-151 Datasheet
357Kb / 2P
   IP-67 15??Multi-Purpose & Water-Proof Panel PC With Intel짰 Atom??N270 Processor
AEC-6710 AAEON-AEC-6710 Datasheet
336Kb / 2P
   Worldwide No.1 Water Proof Controller: IP-67 Certified
FOX-15D AAEON-FOX-15D Datasheet
115Kb / 1P
   IP-67 Water-Proof & Marine IEC60945 ed.4 Compliant
logo
Weidmuller
2676470000 WEIDMULLER-2676470000 Datasheet
142Kb / 3P
   Industrial Panel-PC, Display size 12.1
November 4, 2021
2676480000 WEIDMULLER-2676480000 Datasheet
142Kb / 3P
   Industrial Panel-PC, Display size 12.1
November 4, 2021
2676510000 WEIDMULLER-2676510000 Datasheet
143Kb / 3P
   Industrial Panel-PC, Display size 12.1
November 4, 2021
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com