Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-FOX-120ST-B2-1110 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-FOX-120ST-B2-1110
Description  IP-65, 12.1??Multi-Purpose & Water-Proof Panel PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-FOX-120ST-B2-1110 Datasheet(HTML) 1 Page - AAEON Technology

  TF-FOX-120ST-B2-1110 Datasheet HTML 1Page - AAEON Technology TF-FOX-120ST-B2-1110 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
02
Features
Specifications
Note: All specifications are subject to change without notice.
02-7
Sunlight Readable Touch Screen
Power
COM1
COM2
Day/ Night Mode
Display Button
On/Off Button
LAN or Audio Line out (Optional)
USB1/2
Water-Proof Connectors
(M12 Screw Type)
Onboard Intel® Celeron® Low Power Processor
12.1” SVGA Color TFT LCD Display
Water-Proof Sealing: IP-65 Certificated
Sunlight-Viewable Display With Low Reflection Touch Panel
Windows®2000, XP Pro, XP Embedded Support
Day And Night Mode Display
Ideal For Vehicle Application
Supports Wireless LAN With Dual Internal Antennas
(Optional)
Water-Proof I/O Connector (IP-67 Rating)
IP-65, 12.1” Multi-Purpose & Water-Proof Panel PC
System
Processor
Intel® Celeron® M 1.5 GHz/ 600 MHz
System Memory
DDR SODIMM x 1, Max. 1 GB
Storage Memory
Hard Disk Drive Bay/ CompactFlash™ (Internal slot)
LCD/CRT Controller
Intel® 852GM + Chrontel 7009
Ethernet
Intel® 82562, 10/100Base-TX, Water-proof RJ-45 x 1 (optional)
Expansion Slot
Mini PCI x 1 (Internal)
Water-Proof I/O Port
RS-232 (DB-9) x 1, RS-232/422/485 x 1, USB 2.0 x 2
Audio (Line-out) (optional)
Solid Storage Disk
2.5” Hard Disk Drive Bay (Anti-vibration)/ CompactFlash™ slot (Internal)
OS Support
Windows® 2000, Windows® XP, Windows® XP Embedded
Mechanical
Construction
Sealed Aluminum Alloy Chassis
Color
Silver Gray
Mounting
VESA 75/100mm
Dimension
13.58" x 11.1" x 2.36" (345mm x 282mm x 60mm)
Gross Weight
12.1 lb (5.5 kg)
Net Weight
9.9 lb (4.5 kg)
Environmental
Operating Temperature
-4°F ~ 122°F (-20°C ~ 50°C)
Storage Temperature
-22°F ~ 158°F (-30°C ~ 70°C)
Storage Humidity
10 ~90%@35°C, non-condensing
Vibration
3G Random Operation, 5~500Hz
Shock
15G peak acceleration (11m sec. duration) / operation
Safety
IP-65 Certified
EMC
CE/FCC Class A
Power Supply
DC-DC Input, 90W
Input Range: 9V ~ 30V DC
LCD
Display Type
12.1” TFT- LCD
Max. Resolution
800 x 600
Max. Color
262K colors
Dot Size
0.3075 x 0.3075
Luminance (Typical)
450 cd/m2
View Angle
140°(H)/110°(V)
Back Light MTBF (Hours)
50,000
Touchscreen
Type
8-wire, Analog Resistive, Low Reflection (FOX-120STT)
5-wire, Analog Resistive (FOX-120HTT)
Resolution
2048 x 2048
Light Transmission
> 76% (8-wire analog resistive)
> 80% (5-wire analog resistive)
Lifetime
2 million activations (8-wire analog resistive)
35 million activations (5-wire analog resistive)
FOX-120
Reserved
for Wireless
Antennas


Similar Part No. - TF-FOX-120ST-B2-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-FOX-121HTT-A1-1010 AAEON-TF-FOX-121HTT-A1-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
TF-FOX-121HTT-A2-1010 AAEON-TF-FOX-121HTT-A2-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
TF-FOX-121HTT-A3-1010 AAEON-TF-FOX-121HTT-A3-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
TF-FOX-121STT-A1-1010 AAEON-TF-FOX-121STT-A1-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
TF-FOX-121STT-A2-1010 AAEON-TF-FOX-121STT-A2-1010 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
More results

Similar Description - TF-FOX-120ST-B2-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FOX-122 AAEON-FOX-122 Datasheet
316Kb / 2P
   IP-65/67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel짰 Core??2 Duo Processor
FOX-81 AAEON-FOX-81 Datasheet
508Kb / 2P
   IP-65 8.4??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 Processor
FOX-121 AAEON-FOX-121 Datasheet
306Kb / 2P
   IP-67 12.1??Multi-Purpose & Water-Proof Panel PC With Intel Atom N270 1.6 GHz Processor
FOX-151 AAEON-FOX-151 Datasheet
357Kb / 2P
   IP-67 15??Multi-Purpose & Water-Proof Panel PC With Intel짰 Atom??N270 Processor
AEC-6710 AAEON-AEC-6710 Datasheet
336Kb / 2P
   Worldwide No.1 Water Proof Controller: IP-67 Certified
FOX-15D AAEON-FOX-15D Datasheet
115Kb / 1P
   IP-67 Water-Proof & Marine IEC60945 ed.4 Compliant
logo
Weidmuller
2676470000 WEIDMULLER-2676470000 Datasheet
142Kb / 3P
   Industrial Panel-PC, Display size 12.1
November 4, 2021
2676480000 WEIDMULLER-2676480000 Datasheet
142Kb / 3P
   Industrial Panel-PC, Display size 12.1
November 4, 2021
2676510000 WEIDMULLER-2676510000 Datasheet
143Kb / 3P
   Industrial Panel-PC, Display size 12.1
November 4, 2021
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com