Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-FSB-860B-A10-VG Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-FSB-860B-A10-VG
Description  Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-FSB-860B-A10-VG Datasheet(HTML) 1 Page - AAEON Technology

  TF-FSB-860B-A10-VG Datasheet HTML 1Page - AAEON Technology TF-FSB-860B-A10-VG Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
11-15
11
Features
Specifications
Intel® Pentium® 4/ Celeron® Processor
Intel® 845GV + Intel® ICH4
DDR333 Memory Up To 2 GB
10/100/10000Base-TX Ethernet x 2 (Gigabit Ethernet Optional)
Integrated AGP 4X 2D/3D Graphics Accelerator
AC97 Codec Audio Daughter Board (Optional)
Ultra ATA100 x 2, CompactFlash™ Type 2 x 1
USB2.0 x 5, COM x 2, Parallel x 1, IrDA x 1
ISA, PCI Expansions
ATX 2.1
ISA High-driver Supports Up To 20 Slots 64mA Fan-out
PICMG 1.0
Full-Size SBC With Intel® Pentium® 4/ Celeron® Socket 478 Processor
System
Form Factor
PICMG Full-Size SBC
Processor
Intel® Pentium® 4/ Celeron® processor
FSB: 400/ 533 MHz
System Memory
184-pin 2.5V DDR DIMM Socket x 2, up to 2 GB
Supports DDR 333 memory (DDR 266/333)
Chipset
Intel® 845GV and Intel® 82801DB (ICH4)
Ethernet
Intel® 82562ET/82551QM: 10/100Base-TX
Intel® 82541GI: 10/100/1000Base-TX (optional)
RJ-45 x 2
BIOS
Award Plug & Play FWH BIOS-4 Mb ROM
Expansion Interface
ISA/ PCI Connector
Watchdog Timer
1~255 steps, and can be set with software on Super I/O
RTC
Internal RTC
Battery
Lithium battery
Power Requirement
ATX 2.1
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C )
Board Size
13.3” (L) x 4.8” (W) (339mm x 122mm )
Gross Weight
1.2 lb (0.5 kg)
MTBF (Hours)
75,000
Power Consumption
(Typical)
58W, with Pentium® 4 2.4 GHz/ FSB 533 MHz/ 512 KB L2 Cache
Display
VGA Controller
Integrated Intel® 845GV, AGP 4X, Core™ frequency up to 266 MHz
Memory
Shared memory up to 32 Mb
Resolutions
Up to 2048 x 1536 for CRT
I/O
ITE IT8712 FA
Storage
ATA-100 x 2 channel (Support two ATAPI devices)
CompactFlash™ Type 2 x 1 (USB to IDE)
Standard Floppy connector x 1 (up to 2 devices)
Serial Port
COM x 2: (Internal pin header x 2)
COM 1: RS-232
COM 2: RS-232/ 422/ 485
Parallel Port
Supports SPP/ EPP/ ECP mode
Universal Serial Bus
USB2.0 x 5
(Internal 5 x 2-pin header x 2, up to 4 USB, Type-A connector onboard x 1)
PS/2 Port
Keyboard x 1; Mouse x 1
Audio (Daughter Board)
Realtek ALC655 AC97 Codec, MIC-in/ Line-in/ Line-out/ CD-in
IrDA
Supports IrDA header x 1
1701340704
Flat Cable, 34P, 70cm, Gray for Floopy Disk Drive
1701400453
Cable, 40P 2.54mm IDC w/—se w/Fold, 40P 2.54mm IDC with —se w/Fold, 45cm, Blue ATA-100
1709100201
USB Cable, 20cm 2.0mm, with Bracket
1700060192
Cable, 6P-6P-6P, 19cm, IVORY PS2/ Keyboard & Mouse
1701260307
Flat Cable, 9P/DB9P Male & 25P DB25P Female, 10P 2mm & 26P 2mm/ IDC — Fold, 30cm, with Bracket
1701100305
Flat Cable, 9P/DB9P Male, 10P/ 2.0mm Pitch/ IDC — Fold, 30cm, with Bracket
1703030501
Wire, 3P 2.5mm Housing, 3P 2.5mm Housing, 50cm
Product CD
FSB-860B
Packing List
ATX Power Connector
10/100/1000 LAN (Optional)
Keyboard & Mouse
VGA
USB x 1
DDR 266/ 333 184-pin
DIMM up to 2 GB
Audio Pin Header
Intel® 845GV
Pentium® 4 Socket 478
CompactFlash™ Socket (Back)
USB2.0 Pin Header x 4
FSB-860B


Similar Part No. - TF-FSB-860B-A10-VG

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-FSB-865G-B10-E2 AAEON-TF-FSB-865G-B10-E2 Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
TF-FSB-865G-B10-F AAEON-TF-FSB-865G-B10-F Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
TF-FSB-865G-B10-G2 AAEON-TF-FSB-865G-B10-G2 Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
TF-FSB-865G-B10-VE AAEON-TF-FSB-865G-B10-VE Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
TF-FSB-865G-B10-VG AAEON-TF-FSB-865G-B10-VG Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
More results

Similar Description - TF-FSB-860B-A10-VG

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-865G AAEON-FSB-865G Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
SBC-860 AAEON-SBC-860 Datasheet
363Kb / 1P
   Intel Pentium 4 PICMG Full-size SBC
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
PICO313 AXIOMTEK-PICO313 Datasheet
446Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350, LVDS
logo
AAEON Technology
AEC-6915 AAEON-AEC-6915 Datasheet
307Kb / 2P
   4 PCI Mini-size Embedded Controller With Intel Pentium M/ Celeron M Processor
logo
Protech Systems Co., Lt...
PMB-1751LF PROTECHSYSTEMS-PMB-1751LF Datasheet
402Kb / 2P
   Socket 478 Pentium 4 Motherboard
logo
AAEON Technology
HSB-835A AAEON-HSB-835A Datasheet
754Kb / 2P
   Intel Pentium 4 3.2GHz APCI Half-size SBC
logo
Axiomtek Co., Ltd.
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
   Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
AAEON Technology
FSB-868G AAEON-FSB-868G Datasheet
296Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com