Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-FSB-860B-A10-E2 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-FSB-860B-A10-E2
Description  Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-FSB-860B-A10-E2 Datasheet(HTML) 2 Page - AAEON Technology

  TF-FSB-860B-A10-E2 Datasheet HTML 1Page - AAEON Technology TF-FSB-860B-A10-E2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11-16
Dimension
Unit: mm
6.5
14.5
13.4
1.6
6.28
12.55
14.1
3.02
331.5
3.99
89.99
16.51
53.34
76.86
338.51
Ordering Information
TF-PER-U00A
Audio Daughter Board
1701400802
Flat Cable, 40P-40P-40P (UL: 2651, 15cm+65cm) 80cm, for ATA 33
1701400800
Flat Cable, 40P-40P-40P (UL: 20674, 15cm+65cm) 80cm, for ATA100
1701400702
Flat Cable, 40P ATA-100, 2.54mm, BLUE/GRAY/BLACK, 70cm for Hard Disk Drive
1709070780
SATA Cable, 7P Pitch 1.27mm, 78cm
Optional Accessories
Passive Backplane Options
P/N
Description
Master Interface
Slots
Power Connector, ATX Extend Function
TF-BP-216QG-P12
Rackmount, PICMG 1.0, 16-Slot Backplane, 12 PCI, Quad Segments, AT/ATX
PICMG 1.0
12/0/4 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-214SG-P12
Rackmount, PICMG 1.0, 14-Slot Backplane, 12 PCI, 2 ISA, Single Segment, AT/ATX
PICMG 1.0
12/2/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-214SG-P7
Rackmount, PICMG 1.0, 14-Slot Backplane, 7 PCI, 6 ISA, Single Segment, AT/ATX
PICMG 1.0
7/6/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-214SG-P4
Rackmount, PICMG 1.0, 14-Slot Backplane, 4 PCI, 9 ISA, Single Segment, AT/ATX
PICMG 1.0
4/9/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-206VG-P2
Rackmount, PICMG 1.0, 6-Slot Backplane, 2 PCI, 3 ISA, Single Segment, AT/ATX
PICMG 1.0
2/3/1 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-208SG-P7
Wallmount, PICMG 1.0, 8-Slot Backplane, 7 PCI, Single Segment, AT/ATX
PICMG 1.0
7/0/1 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-208SG-P4
Wallmount, PICMG 1.0, 8-Slot Backplane, 4 PCI, 3 ISA, Single Segment, AT/ATX
PICMG 1.0
4/3/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-206SG-P4
Wallmount, PICMG 1.0, 6-Slot Backplane, 4 PCI, 2 ISA, Single Segment, AT/ATX
PICMG 1.0
4/2/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-206SG-P2
Wallmount, PICMG 1.0, 6-Slot Backplane, 2 PCI, 3 ISA, Single Segment, AT/ATX
PICMG 1.0
2/3/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232 RS-232/422/485
Expansion Slot
Power
Temp.
TF-FSB-860B-A10-V
Socket
DIMM
Fan
VGA
IDE x 2, Floppy x 1, CF x 1
USB2.0 x 5 1
1
ISA, PCI
ATX +12V
0°C ~ 60°C
TF-FSB-860B-A10-VE
Socket
DIMM
Fan
VGA
IDE x 2, Floppy x 1, CF x 1
FE x 1
USB2.0 x 5 1
1
ISA, PCI
ATX +12V
0°C ~ 60°C
TF-FSB-860B-A10-VG
Socket
DIMM
Fan
VGA
IDE x 2, Floppy x 1, CF x 1
GbE x 1
USB2.0 x 5 1
1
ISA, PCI
ATX +12V
0°C ~ 60°C
TF-FSB-860B-A10-E2
Socket
DIMM
Fan
VGA
IDE x 2, Floppy x 1, CF x 1
FE x 2
USB2.0 x 5 1
1
ISA, PCI
ATX +12V
0°C ~ 60°C
FSB-860B


Similar Part No. - TF-FSB-860B-A10-E2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-FSB-865G-B10-E2 AAEON-TF-FSB-865G-B10-E2 Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
TF-FSB-865G-B10-F AAEON-TF-FSB-865G-B10-F Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
TF-FSB-865G-B10-G2 AAEON-TF-FSB-865G-B10-G2 Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
TF-FSB-865G-B10-VE AAEON-TF-FSB-865G-B10-VE Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
TF-FSB-865G-B10-VG AAEON-TF-FSB-865G-B10-VG Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
More results

Similar Description - TF-FSB-860B-A10-E2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-865G AAEON-FSB-865G Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
SBC-860 AAEON-SBC-860 Datasheet
363Kb / 1P
   Intel Pentium 4 PICMG Full-size SBC
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
PICO313 AXIOMTEK-PICO313 Datasheet
446Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350, LVDS
logo
AAEON Technology
AEC-6915 AAEON-AEC-6915 Datasheet
307Kb / 2P
   4 PCI Mini-size Embedded Controller With Intel Pentium M/ Celeron M Processor
logo
Protech Systems Co., Lt...
PMB-1751LF PROTECHSYSTEMS-PMB-1751LF Datasheet
402Kb / 2P
   Socket 478 Pentium 4 Motherboard
logo
AAEON Technology
HSB-835A AAEON-HSB-835A Datasheet
754Kb / 2P
   Intel Pentium 4 3.2GHz APCI Half-size SBC
logo
Axiomtek Co., Ltd.
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
   Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
AAEON Technology
FSB-868G AAEON-FSB-868G Datasheet
296Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com