Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-FSB-G41H-A10-VG Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-FSB-G41H-A10-VG
Description  Full-Size SBC With Intel Core 2 Duo/ Core 2 Quad LGA775 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-FSB-G41H-A10-VG Datasheet(HTML) 2 Page - AAEON Technology

  TF-FSB-G41H-A10-VG Datasheet HTML 1Page - AAEON Technology TF-FSB-G41H-A10-VG Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11-4
Dimension
Unit: mm
FSB-G41H
Optional Accessories
TF-PER-U01H
HD Codec Audio Daughter Board
1703030501
Supports ATX Power from Backplane to CPU Card
1702030301
ATX Power Simulation AT Power Switch Wire
1701400800
PATA100 Cable 80cm
1759200161
LGA775 CPU Fan
1709070780
SATA Cable 78cm
1702043000
ATX 12V Extension Cable
1701260307
1 Serial port + 1 Parallel port with Bracket
1701100305
1 Serial port with Bracket
Passive Backplane Options
P/N
Description
Master Interface
Slots
Power Connector, ATX Extend Function
TF-BP-216QH-P4E8
Rackmount, PICMG 1.3, 16-slot Backplane, 4 PCI, 4 PCI-E, Four Segments, ATX
PICMG 1.3
4/8/4 (PCI/PCI-E/ PICMG 1.3)
ATX
TF-BP-214SH-P3E2I6
Rackmount, PICMG 1.3, 14-Slot, Backplane, 3 PCI, 2 PCI-E, 6 ISA, Single Segment, ATX
PICMG 1.3
3/2/6/2 (PCI/PCI-E/ISA/PICMG 1.3)
ATX
TF-BP-208RH-P4E3
Rackmount, PICMG 1.3, 8-Slot, Backplane, 4 PCI, 2 PCI-E[x1], 1 PCI-E[x16], Single Segment, ATX
PICMG 1.3
4/2/1 (PCI/PCI-E [x1]/PCI-E [x16]/ PICMG1.3)
ATX
TF-BP-206VH-P4
Rackmount, PICMG 1.3, 6-slot Backplane, 4 PCI, Single Segment, ATX
PICMG 1.3
4/1 (PCI/ PICMG 1.3)
ATX
TF-BP-206VH-E4
Rackmount, PICMG 1.3, 6-slot Backplane, 4 PCI-E, Single Segment, ATX
PICMG 1.3
4/1 (PCI-E/ PICMG 1.3)
ATX
TF-BP-206SH-P3
Wallmount, PICMG 1.3, 6-Slot, Backplane, 3 PCI, 2 PCI-E, Single Segment, ATX
PICMG 1.3
3/2/1 (PCI/PCI-E/PICMG 1.3)
ATX
Ordering Information
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232 RS-232/422/485
Expansion Slot
Power
Temp.
TF-FSB-G41H-A10-VG
Socket
DIMM
Fan
VGA
SATA2 x 4, IDE x 1,
Floppy x 1, CF x 1
GbE x 1
USB2.0 x 7
1
1
PCI-E[x16] x 1, PCI-E[x4] x 1,
PCI x 4
ATX +12V
0°C ~ 60°C
TF-FSB-G41H-A10-G2
Socket
DIMM
Fan
VGA
SATA2 x 4, IDE x 1,
Floppy x 1, CF x 1
GbE x 2
USB2.0 x 7
1
1
PCI-E[x16] x 1, PCI-E[x4] x 1,
PCI x 4
ATX +12V
0°C ~ 60°C


Similar Part No. - TF-FSB-G41H-A10-VG

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-FSB-860B-A10-E2 AAEON-TF-FSB-860B-A10-E2 Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
TF-FSB-860B-A10-V AAEON-TF-FSB-860B-A10-V Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
TF-FSB-860B-A10-VE AAEON-TF-FSB-860B-A10-VE Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
TF-FSB-860B-A10-VG AAEON-TF-FSB-860B-A10-VG Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
TF-FSB-865G-B10-E2 AAEON-TF-FSB-865G-B10-E2 Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
More results

Similar Description - TF-FSB-G41H-A10-VG

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-960H AAEON-FSB-960H Datasheet
327Kb / 2P
   Full-Size SBC With Intel Core 2 Duo/ Core 2 Quad LGA775 Processor
FSB-868G AAEON-FSB-868G Datasheet
296Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
FSB-945G AAEON-FSB-945G Datasheet
270Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
HSB-965P AAEON-HSB-965P Datasheet
375Kb / 2P
   PCI Half-Size SBC With Intel Core 2 Duo Processor
logo
Advantech Co., Ltd.
PCA-6010 ADVANTECH-PCA-6010_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SBC LGA775 Intel짰 Core?? Duo SBC
logo
AAEON Technology
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
logo
BOSER Technology Co., L...
HS-7165 BOSER-HS-7165 Datasheet
90Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor PICMG1.3 Full-size SBC w/CF
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com