Electronic Components Datasheet Search |
|
TF-FWS-2150E5-A60-A10-00 Datasheet(PDF) 1 Page - AAEON Technology |
|
TF-FWS-2150E5-A60-A10-00 Datasheet(HTML) 1 Page - AAEON Technology |
1 / 2 page Note: All specifications are subject to change without notice. 15-15 15 Features Specifications FWS-2150 Desktop VIA C7™/ Eden™ Network Appliance With 5 LAN Ports System Form Factor Desktop 5-port Network Appliance Processor VIA C7™/ Eden™ CPU, up to 2.0 GHz (FSB400/800 MHz) Onboard Eden™ ULV 500 MHz (FSB 400 MHz) System Memory 240-Pin DDR2 400/533 DIMM Socket x 1, total up to 1 GB Chipset VIA CN700 + VT8237R+ Ethernet Realtek 8100C 10/100Base-TX x 5 (2 ports bypass) BIOS Award Plug & Play FWH BIOS – 512 Kb ROM IDE Interface ATA 100 x 1 channel Serial ATA SATA 1.5Gb/s x 2 Solid Storage Disk CompactFlash™ Type 2 Connector (ATA Mode) Expansion Interface Mini-PCI Type 3 Socket Watchdog Timer 1~255 steps, can be set with software on Super I/O RTC Internal RTC Storage Internal: 2.5" Hard Disk (SATA or IDE) x 1 Front I/O Panel Power LED x 1, HDD Active LED x 1, Status LED x 1, Bypass LED x 1, LAN Active/ Link LED x 5, LAN Speed LED x 5 Color Blue Power Supply 65W AC/DC power adapter Dimension 7"(D) x 9.8"(W) x 1.7"(H) (178mm x 250mm x 44mm)—Chassis 8.7"(L) x 6.8"(W) (223mm x 172mm)—Board Power Consumption 16W, VIA Eden™ 500 MHz CPU MTBF (Hours) 50,000 Display VGA Controller Integrated UniChrome™ Pro graphics, VGA pin header I/O Serial Port COM port x 2: (Internal Pin Header x 1, External D-sub x 1) COM 1: RS-232, COM 2: RS-232 (Pin Header) K/B and Mouse Reserved pin header Universal Serial Bus USB2.0 x 2 Dual TYPE-A Connector in real panel Rear I/O Panel USB x 2, LAN Port x 5, DB-9 connector x 1, Software Reset Switch x 1 Environment Operating Temperature 32°F ~ 104°F (0°C ~ 40°C) Storage temperature -4°F ~ 140°F (-20°C ~ 60°C) Operating humidity 10 ~ 80% Storage humidity 10 ~ 80% @ 40°C, non-condensing Vibration 0.5 g rms/ 5 ~ 500 Hz/ operation (2.5” Hard Disk Drive) 1.5 g rms/ 5 ~ 500 Hz/ non operation Shock 10 G peak acceleration (11 m sec. duration), operation 20 G peak acceleration (11 m sec. duration), non operation Desktop 5 LAN Ports Network Appliance ■ ■ VIA C7™/ Eden™ CPU, Up To 2.0 GHz ■ ■ 240-Pin x 1 DDR2 400/533 MHz Memory Up To 1 GB ■ ■ 10/100Base-TX Ethernet x 5 (2 Ports Bypass Function) ■ ■ Ultra ATA 100 Port x 1 & SATA 1.5Gb/s x 2 ■ ■ CompactFlash™ Type 2 x 1 & Mini-PCI Slot x 1 ■ ■ USB2.0 x 2 & RS-232 Console x 1 On The Rear Panel ■ ■ Watchdog Function 1~255 Sec. ■ ■ Internal 2.5" Disk Drive Bay x 1 ■ ■ Power LED Bypass LED HDD LED Status LED LAN LED x 5 Power In Console USB x 2 LAN x 5 Reset |
Similar Part No. - TF-FWS-2150E5-A60-A10-00 |
|
Similar Description - TF-FWS-2150E5-A60-A10-00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |