Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1859JR Datasheet(PDF) 5 Page - Analog Devices

Part # AD1859JR
Description  Stereo, Single-Supply 18-Bit Integrated DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1859JR Datasheet(HTML) 5 Page - Analog Devices

  AD1859JR Datasheet HTML 1Page - Analog Devices AD1859JR Datasheet HTML 2Page - Analog Devices AD1859JR Datasheet HTML 3Page - Analog Devices AD1859JR Datasheet HTML 4Page - Analog Devices AD1859JR Datasheet HTML 5Page - Analog Devices AD1859JR Datasheet HTML 6Page - Analog Devices AD1859JR Datasheet HTML 7Page - Analog Devices AD1859JR Datasheet HTML 8Page - Analog Devices AD1859JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD1859
REV. A
–5–
Serial Control Port Interface
Pin Name Number
I/O
Description
CDATA
20
I
Serial control input, MSB first,
containing 8 bits of unsigned
data per channel. Used for
specifying channel specific
attenuation and mute.
CCLK
19
I
Control clock input for control
data. Control input data must
be valid on the rising edge of
CCLK. CCLK may be continu-
ous or gated.
CLATCH
21
I
Latch input for control data. This
input is rising edge sensitive.
Digital Audio Serial Input Interface
Pin Name Number
I/O
Description
SDATA
12
I
Serial input, MSB first, contain-
ing two channels of 16 or 18 bits
of twos complement data per
channel.
BCLK
14
I
Bit clock input for input data.
Need not run continuously; may
be gated or used in a burst
fashion.
LRCLK
13
I
Left/right clock input for input
data. Must run continuously.
IDPM0
9
I
Input serial data port mode
control zero. With IDPM1,
defines one of four serial input
modes.
IDPM1
10
I
Input serial data port mode con-
trol one. With IDPM0, defines
one of four serial input modes.
18/16
8
I
18-bit or 16-bit input data mode
control. Connect this signal HI
for 18-bit input mode, LO for
16-bit input mode.
Gain Error
With a near full-scale input, the ratio of actual output to ex-
pected output, expressed as a percentage.
Interchannel Gain Mismatch
With identical near full-scale inputs, the ratio of outputs of the
two stereo channels, expressed in decibels.
Gain Drift
Change in response to a near full-scale input with a change in
temperature, expressed as parts-per-million (ppm) per
°C.
Crosstalk (EIAJ method)
Ratio of response on one channel with a zero input to a full-scale
1 kHz sine-wave input on the other channel, expressed in decibels.
Interchannel Phase Deviation
Difference in output sampling times between stereo channels,
expressed as a phase difference in degrees between 1 kHz inputs.
Power Supply Rejection
With zero input, signal present at the output when a 300 mV
p-p signal is applied to power supply pins, expressed in decibels
of full scale.
Group Delay
Intuitively, the time interval required for an input pulse to ap-
pear at the converter’s output, expressed in seconds (s). More
precisely, the derivative of radian phase with respect to radian
frequency at a given frequency.
Group Delay Variation
The difference in group delays at different input frequencies.
Specified as the difference between the largest and the smallest
group delays in the passband, expressed in microseconds (
µs).
DEFINITIONS
Dynamic Range
The ratio of a full-scale output signal to the integrated output
noise in the passband (0 to 20 kHz), expressed in decibels (dB).
Dynamic range is measured with a –60 dB input signal and is
equal to (S/[THD+N]) + 60 dB. Note that spurious harmonics
are below the noise with a –60 dB input, so the noise level es-
tablishes the dynamic range. This measurement technique is
consistent with the recommendations of the Audio Engineering
Society (AES17-1991) and the Electronics Industries Association
of Japan (EIAJ CP-307).
Total Harmonic Distortion + Noise (THD+N)
The ratio of the root-mean-square (rms) value of a full-scale
fundamental input signal to the rms sum of all other spectral
components in the passband, expressed in decibels (dB) and
percentage.
Passband
The region of the frequency spectrum unaffected by the attenu-
ation of the digital interpolation filter.
Passband Ripple
The peak-to-peak variation in amplitude response from equal-
amplitude input signal frequencies within the passband, ex-
pressed in decibels.
Stopband
The region of the frequency spectrum attenuated by the digi-
tal interpolation filter to the degree specified by “stopband
attenuation.”
PIN DESCRIPTIONS


Similar Part No. - AD1859JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
More results

Similar Description - AD1859JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1857 AD-AD1857 Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com