Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWS-7200E6-H18-A10-00 Datasheet(PDF) 1 Page - AAEON Technology

Part # FWS-7200E6-H18-A10-00
Description  1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-7200E6-H18-A10-00 Datasheet(HTML) 1 Page - AAEON Technology

  FWS-7200E6-H18-A10-00 Datasheet HTML 1Page - AAEON Technology FWS-7200E6-H18-A10-00 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
15-5
15
Features
Specifications
FWS-7200
1U Rackmount Intel® Atom™ D525 + ICH8M Network Appliance With 6 LAN Ports
System
Form Factor
1U 6-port Network Appliance
Processor
Onboard Intel® Dual-Core Atom™ D525 processor
System Memory
204-pin Single Channel DDR3 800MHz SODIMM slot x 2, up to 4GB
Chipset
Intel® Atom™ D525 + ICH8M
Ethernet
Intel® 82574L controller, Gigabit Ethernet x 6 with 1 pair LAN bypass function
(optional 2 pairs)
BIOS
AMI BIOS
Serial ATA
SATA 3.0Gb/s x 2
SSD
CF SATA x 1
Expansion Interface
PCI 32-bit Slot x 2, Mini PCI slot x 1
Watchdog Timer
System reset : 1~255 step by software programming
RTC
Internal RTC
Storage
3.5”SATA HDD x 1 or 2.5” SATA HDD x 2, CF SATA socket
System Fan
4cm system smart fan
Front I/O Panel
Power LED x 1, Bypass LED x 2, Status LED x 1, HDD Active LED x 1, LAN with
LEDs x 6
Rear I/O Panel
AC Power input x 1, Power Switch x 1, PCI Expansion slot x 2
Color
Black
Power Supply
1U 180W AC power input
Dimension
10.93”(W) x 13.19”(D) x 1.73”(H) (430mm x 335mm x 44mm)
Power Consumption
29.6W, Intel® Atom™ D525 CPU
MTBF
Display
Chipset
Intel® D525 + ICH8M
Graphic Engine
Intel® D525 integrated GMA 3150 Graphic Engine
Resolution
2048 x 1536
Output Interface
VGA Internal box header
I/O
Serial Port
COM Port x 2, COM1: RS-232 x 1, COM2: RS-232 x 1 (Internal Pin Header)
K/B and Mouse
Reserved pin header
USB
USB2.0 x 4: Dual Type-A Connector on front panel x 2, Pin-Headers x 2 (Internal)
LCM
16 x 2 characters with 4 keypad control
Environment
Operation Temperature
32 °F ~ 104 °F (0 °C ~ 40 °C)
Storage Temperature
-4 °F ~ 140 °F (-20 °C ~ 60 °C)
Operation Humidity
10% ~80% relative humidity, non-condensing
Onboard Intel® Dual-Core Atom™ D525 Processor
Intel® Atom™ D525 + ICH8M
204-pin Single Channel DDR3 800MHz SODIMM Slot x 2 (Up to
4GB)
10/100/1000Base-TX Ethernet x 6 with 1 Pair LAN Bypass
Function (Optional 2 Pairs)
3.5” SATA HDD x 1 Or 2.5” SATA HDD x 2, CF SATA Socket
COM x 1 For Console, USB2.0 x 2
AC Type Power Input Requirement
Mini-PCI Slot x1, PCI Slot x 2
LED
USB 2.0 Port x 2
Software Programmable Button
Power Switch
PCI Expansion Slot x 2
AC Inlet
COM Port
10/100/1000 Base-TX x 6
LCM Panel


Similar Part No. - FWS-7200E6-H18-A10-00

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-7250 AAEON-FWS-7250 Datasheet
209Kb / 2P
   100w atx psu
FWS-7250E4-H10-A10-00 AAEON-FWS-7250E4-H10-A10-00 Datasheet
209Kb / 2P
   100w atx psu
FWS-7250E4-H10-A10-01 AAEON-FWS-7250E4-H10-A10-01 Datasheet
209Kb / 2P
   100w atx psu
More results

Similar Description - FWS-7200E6-H18-A10-00

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-2200 AAEON-FWS-2200 Datasheet
330Kb / 2P
   Desktop Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
FWS-7810 AAEON-FWS-7810_15 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
Advantech Co., Ltd.
FWA-2011 ADVANTECH-FWA-2011 Datasheet
479Kb / 2P
   1U Rackmount Network Appliance with Intel® Atom™ X5-E3940 Processor and 6 GbE ports
15-Feb-2019
logo
AAEON Technology
FWS-7360 AAEON-FWS-7360 Datasheet
382Kb / 2P
   1U Rackmount 7 LAN Network Appliance with Intel® Atom™ C3758 Processor SoC
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance with Intel짰 C226 Chipset
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel Xeon Quad Core??Network Appliance With 10 LAN Ports
FWS-7600 AAEON-FWS-7600 Datasheet
418Kb / 2P
   1U Intel Xeon Quad Core Network Appliance With 10 LAN Ports
FWS-7160 AAEON-FWS-7160 Datasheet
454Kb / 2P
   1U Intel Core 2 Duo Network Appliance With 6/8 PCI-Express LAN Ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com