Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GCS-2500-IF-A10 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-GCS-2500-IF-A10
Description  Green Communication System with Intel Core i7/i5 rPGA988 Processor, 17 COM, 6 GbE, 8 USB2.0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GCS-2500-IF-A10 Datasheet(HTML) 2 Page - AAEON Technology

  TF-GCS-2500-IF-A10 Datasheet HTML 1Page - AAEON Technology TF-GCS-2500-IF-A10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13-6
GCS-2500
Packing List
Ordering Information
Optional Accessories
Dimension (W x H x D)
16.9" x 11.8" x 3.5" (430mm x 300mm x 88mm)
Gross Weight
16.4 lb (7.5 Kg)
Note
Only COM1 can support Wake On Ring function
Product DVD
GCS-2500
TF-GCS-2500-IF-A10
Green Communication System, Intel® Core™ i7/i5, 17 COM, 6 Gigabit Ethernet, DVI-D, VGA, 8 USB2.0 with
Isolation, A1.0
TF-GCS-2500-F-A10
Green Communication System, Intel® Core™ i7/i5, 17 COM, 6 Gigabit Ethernet, DVI-D, VGA, 8 USB2.0 without
Isolation, A1.0
1757908401
(TF) Adapter, AC, 100/240V, 12V/7A, 84W, FSP, FSP 084-DMAA1
1702031802
(TF) AC Power Code, 3P-125V/10A 180D, 1.8M, USA
1702031803
(TF) AC Power Code, 3P-250V/10A 180D, 1.8M, Europe
170203180E
(TF) AC Power Code, 3P-125V/7A 180D, 1.8M, Japan
Dimension
Unit: mm


Similar Part No. - TF-GCS-2500-IF-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GCS-1100I-A10 AAEON-TF-GCS-1100I-A10 Datasheet
524Kb / 2P
   Green Communication System with Intel Atom N270 Processor
TF-GCS-1500I-B10 AAEON-TF-GCS-1500I-B10 Datasheet
587Kb / 2P
   Green Communication System with Intel Core i7/i5 rPGA988 Processor, 9 COM, 4 GbE, 8 USB2.0
More results

Similar Description - TF-GCS-2500-IF-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GCS-1500I AAEON-GCS-1500I Datasheet
587Kb / 2P
   Green Communication System with Intel Core i7/i5 rPGA988 Processor, 9 COM, 4 GbE, 8 USB2.0
logo
Axiomtek Co., Ltd.
CEM511 AXIOMTEK-CEM511 Datasheet
255Kb / 1P
   COM Express Type 6 Module with 7th Gen Intel Core i7/i5/i3 Processor
logo
AAEON Technology
AGP-3175 AAEON-AGP-3175 Datasheet
339Kb / 2P
   17??Rugged Touch Panel Computer With Intel Core i7/i5/P4500 Processor
AIS-E1 AAEON-AIS-E1 Datasheet
989Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q572 AAEON-AIS-Q572 Datasheet
266Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q574 AAEON-AIS-Q574 Datasheet
334Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
logo
Axiomtek Co., Ltd.
CEM880 AXIOMTEK-CEM880_17 Datasheet
238Kb / 1P
   COM Express Type 6 Module with 5th Gen Intel Core i7 & 4th Inte Core i7/i5/i3 & Celeron짰 Processor and Intel QM87
logo
AAEON Technology
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
Axiomtek Co., Ltd.
CEM860 AXIOMTEK-CEM860_17 Datasheet
267Kb / 1P
   COM Express Type 6 Module with Intel Core i7/i5/i3 and Intel QM67
logo
AAEON Technology
IMBI-Q57 AAEON-IMBI-Q57 Datasheet
298Kb / 2P
   Industrial Motherboard with Intel Core i7/i5/i3 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com