Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1824 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA1824
Description  Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1824 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1824 Datasheet HTML 1Page - Sanyo Semicon Device LA1824 Datasheet HTML 2Page - Sanyo Semicon Device LA1824 Datasheet HTML 3Page - Sanyo Semicon Device LA1824 Datasheet HTML 4Page - Sanyo Semicon Device LA1824 Datasheet HTML 5Page - Sanyo Semicon Device LA1824 Datasheet HTML 6Page - Sanyo Semicon Device LA1824 Datasheet HTML 7Page - Sanyo Semicon Device LA1824 Datasheet HTML 8Page - Sanyo Semicon Device LA1824 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LA1824
No.6855-2/10
Operating Characteristics at Ta = 25
°C, VCC = 4.5 V, in the specified test using
the IC179-2 socket (Yamaichi Electric Co.,Ltd.)
FM front-end characteristics at fc = 98 MHz, fm = 1 kHz, 22.5 kHz dev
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Local oscillator voltage
VOSC
No input, fosc = 108.7 MHz, the pin 20 output
15
30
60
mVrms
with FET buffer gain ·=· --10 dB
Input limiting voltage
3 dB L.S.
Referenced to VIN = 60 dBµV EMF,
--
13
-- dB
µV EMF
22.5 kHz dev, a 3 dB down input
Quieting sensitivity
Q.S.
30 dB quieting sensitivity
--
12
-- dB
µV EMF
FM IF characteristics (monaural) at fc = 10.7 MHz, fm = 1 kHz, 75 kHz dev
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICC(FM)
No input
7.0
13.7
20
mA
Demodulation output
VO
VIN = 100 dBµV, the pin 16 output
130
190
260
mVrms
Signal-to-noise ratio
S/N
VIN = 100 dBµV, the pin 16 output
62
70
--
dB
Total harmonic distortion (mono)
THD
VIN = 100 dBµV, the pin 16 output
--
0.4
1.2
%
Input limiting voltage
3 dB L.S.
Referenced to VIN = 100 dBµV,
21
32
42
dB
µV
75 kHz dev, a 3 dB down input
Station detector sensitivity
SD-ON
No mod, an input level great enough to turn
--
33
--
dB
µV
on the station detector
FM IF characteristics (stereo) at fc = 10.7 MHz, fm = 1 kHz, L + R = 90 %, Pilot = 10 %
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Separation
SEP
VIN = 100 dBµV, L modulation, the pin
25
40
--
dB
16 output/the pin 17 output
Stereo on level
ST-ON
VIN = 100 dBµV, the pilot modulation
1.5
3.5
6.3
%
search that V8 < 0.5 V
Total harmonic distortion (main)
THD
VIN = 100 dBµV, Main modulation, the pin
--
0.5
1.2
%
16 output
AM characteristics at fc = 1000 kHz, fm = 1 kHz, 30 % modulation
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICC(AM)
No input
5.0
8.5
15
mA
Detector output
VO(1)
VIN = 23 dBµV, the pin 16 output
18
40
70
mVrms
VO(2)
VIN = 80 dBµV, the pin 16 output
50
85
130
mVrms
Signal-to-noise ratio
S/N(1)
VIN = 23 dBµV, the pin 16 output
15
20
--
dB
S/N(2)
VIN = 80 dBµV, the pin 16 output
47
53
--
dB
Total harmonic distortion
THD(1)
VIN = 80 dBµV, the pin 16 output
--
0.5
1.3
%
THD(2)
VIN = 107 dBµV, the pin 16 output
--
0.5
1.5
%
Station detector sensitivity
SD-ON
No mod, an input level great enough to turn
--
26
--
dB
µV
on the station detector


Similar Part No. - LA1824

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
More results

Similar Description - LA1824

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Toshiba Semiconductor
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com