Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-HSB-800P-A10-VE Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-HSB-800P-A10-VE
Description  Half-Size PCI SBC With AMD Geode LX800 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-HSB-800P-A10-VE Datasheet(HTML) 2 Page - AAEON Technology

  TF-HSB-800P-A10-VE Datasheet HTML 1Page - AAEON Technology TF-HSB-800P-A10-VE Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12-6
Dimension
Unit: mm
Ordering Information
Passive Backplane Options
TF-PER-U00A
AC 97 Codec Daughter Board
Optional Accessories
P/N
Description
Master Interface
Slots
(PCI/ ISA/ PICMG_PCI)
Power
ATX Extend Function
BP-204SP-P3-A11
Wallmount, 4-slot Backplanes, 3 PCI, Single Segment, AT/ATX
PCI
(3/0/1)
AT/ATX
BP-205SP-P4-A12
Wallmount, 5-slot Backplanes, 4 PCI, Single Segment, AT/ATX
PCI
(4/0/1)
AT/ATX
BP-206SP-P4-A10
Wallmount, 6-slot Backplanes, 4 PCI, Single Segment, AT/ATX
PCI
(4/0/2)
AT/ATX
HSB-800P
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232 RS-232/422/485 Expansion Slot
Power
Temp.
TF-HSB-800P-A10-VE
AMD Geode™
LX800
SODIMM Fanless
VGA + LVDS
SATA2 x 2, IDE x 1,
Floppy x 1, CFx 1
18/24-bit Single Channel
FE x 1
USB2.0 x 4 3
1
PCI
ATX, +5, +12V 0°C ~ 60°C


Similar Part No. - TF-HSB-800P-A10-VE

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-HSB-800P AAEON-TF-HSB-800P Datasheet
339Kb / 2P
   6-Slot Wallmount Chassis, Half-Size CPU Cards Support
More results

Similar Description - TF-HSB-800P-A10-VE

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-800I AAEON-HSB-800I Datasheet
371Kb / 2P
   ISA Half-Size SBC With AMD Geode LX800 Processor
HSB-800I-A11 AAEON-HSB-800I-A11 Datasheet
660Kb / 2P
   ISA Half-Size SBC with AMD Geode™ LX800 Processor
2022/05/13
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
logo
Advantech Co., Ltd.
PCI-6873 ADVANTECH-PCI-6873 Datasheet
395Kb / 2P
   AMD Geode??LX800 PCI Half-sized SBC with VGA/LCD/LVDS/LAN/SATA and SSD
logo
AAEON Technology
AEC-6410 AAEON-AEC-6410 Datasheet
280Kb / 2P
   Compact Embedded Controller With AMD Geode LX800 Processor
logo
Axiomtek Co., Ltd.
NA-100 AXIOMTEK-NA-100 Datasheet
209Kb / 1P
   Ultra low power AMD Geode LX800 processor
NA100 AXIOMTEK-NA100 Datasheet
322Kb / 1P
   Ultra low power AMD Geode LX800 processor
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com